Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1492 Datasheet (PDF) - Adafruit Industries

1492 Datasheet PDF - Adafruit Industries
Part # 1492
Download  1492 Download
File Size   194.66 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adafruit 50 pin 0.5mm pitch FPC Adapter

1492 Datasheet (PDF)

Go To PDF Page Download Datasheet
1492 Datasheet PDF - Adafruit Industries

Part # 1492
Download  1492 Click to download

File Size   194.66 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Adafruit 50 pin 0.5mm pitch FPC Adapter

1492 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 1492

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
1492 KEYSTONE-1492 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
List of Unclassifed Man...
1492-01A-5 ETC-1492-01A-5 Datasheet
998Kb / 8P
End Launch Connector Series
1492-01A-6 ETC-1492-01A-6 Datasheet
998Kb / 8P
End Launch Connector Series
1492-02A-5 ETC-1492-02A-5 Datasheet
998Kb / 8P
End Launch Connector Series
1492-02A-6 ETC-1492-02A-6 Datasheet
998Kb / 8P
End Launch Connector Series
More results


Similar Description - 1492

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH17-10S-0.5SH HIROSE-FH17-10S-0.5SH Datasheet
345Kb / 10P
Low Profile 0.5mm Pitch Connectors For FPC
logo
Aries Electronics, Inc.
64-304121-00 ARIES-64-304121-00 Datasheet
466Kb / 1P
64-Pin 0.5mm TQFP-to-0.8mm QFP Adapter
48-6645-18 ARIES-48-6645-18 Datasheet
527Kb / 1P
48-Pin 0.5mm QFP-to-48-Pin 0.600" DIP Adapter
logo
FCI connector
59453-061110EDLF FCI-CONNECTOR-59453-061110EDLF Datasheet
120Kb / 2P
PLASTIC TAPE PACKAGED 0.5mm PITCH FPC CONNECTOR
62674-241121ALF FCI-CONNECTOR-62674-241121ALF Datasheet
1Mb / 10P
0.5mm FPC/FFC SMT
logo
List of Unclassifed Man...
30FLT-SM2-TBLFSN ETC2-30FLT-SM2-TBLFSN Datasheet
119Kb / 2P
FLT CONNECTOR 0.5mm pitch/Connectors for FPC
logo
Newhaven Display Intern...
MOLEX52437-2272 NEWHAVEN-MOLEX52437-2272 Datasheet
193Kb / 12P
the 0.5mm PITCH FPC CONNECTOR series
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
0.5mm Pitch FPC Connector
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
0.5mm pitch/Connectors for FFC and FPC
FHY JST-FHY Datasheet
72Kb / 2P
FHY CONNECTOR 0.5mm pitch/Connectors for FPC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com