Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

419 Datasheet (PDF) - Adafruit Industries

419 Datasheet PDF - Adafruit Industries
Part # 419
Download  419 Download
File Size   125.44 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Membrane 3x4 Matrix Keypad extras 3x4

419 Datasheet (PDF)

Go To PDF Page Download Datasheet
419 Datasheet PDF - Adafruit Industries

Part # 419
Download  419 Click to download

File Size   125.44 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Membrane 3x4 Matrix Keypad extras 3x4

419 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 419

ManufacturerPart #DatasheetDescription
logo
Littelfuse
419 LITTELFUSE-419 Datasheet
65Kb / 2P
SURFACE MOUNT FUSES
logo
Mill-Max Mfg. Corp.
419 MILL-MAX-419 Datasheet
244Kb / 1P
SPRING-LOADED CONNECTORS 2,54 Grid Target Connectors for Spring-Loaded Assemblies Double Row
logo
Keystone Electronics Co...
419 KEYSTONE-419 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Walther-Werke
419 WALTHER-419 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Dormer Pramet
419 DORMER-419 Datasheet
28Kb / 1P
Flute geometry
More results


Similar Description - 419

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
KNM20S34 PURDY-KNM20S34 Datasheet
128Kb / 2P
3x4 Monoblock Immersion Proof Keypad
logo
STMicroelectronics
AN1799 STMICROELECTRONICS-AN1799 Datasheet
110Kb / 7P
STR71x GPIO SCANNING A 4x4 MATRIX KEYPAD
Rev. 2
logo
Skyworks Solutions Inc.
AAT3692 SKYWORKS-AAT3692 Datasheet
2Mb / 19P
Dual Input 1.6A Linear Charger with 28V OVP in a 3x4 TDFN Package
AAT3691 SKYWORKS-AAT3691 Datasheet
1Mb / 18P
Dual Input 1.6A Linear Charger with 28V OVP in a 3x4 TDFN Package
logo
Maxim Integrated Produc...
MAX38913AEVK MAXIM-MAX38913AEVK Datasheet
304Kb / 8P
Evaluates the MAX38913A IC in a 12-Pin (3x4 0.4mm Pitch) WLP
Rev 0; 3/21
logo
PHOENIX CONTACT
2203566 PHOENIX-2203566 Datasheet
60Kb / 3P
Membrane keypad - KP HCS C-MIN-P K12 C3 P9
09/12/2020
2203570 PHOENIX-2203570 Datasheet
56Kb / 3P
Membrane keypad - KP HCS T-MED K28 C4 P13
09/12/2020
1337341 PHOENIX-1337341 Datasheet
202Kb / 5P
Membrane keypad - KP BC K4 C2 P5
Nov 16, 2022
1337344 PHOENIX-1337344 Datasheet
203Kb / 5P
Membrane keypad - KP BC K6 C2 P7
Nov 16, 2022
logo
Monolithic Power System...
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com