Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86934 Datasheet (PDF) - Monolithic Power Systems

MP86934 Datasheet PDF - Monolithic Power Systems
Part # MP86934
Download  MP86934 Download
File Size   561.46 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V Intelli-Phase Solution in TQFN 3x4

MP86934 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP86934 Datasheet PDF - Monolithic Power Systems

Part # MP86934
Download  MP86934 Click to download

File Size   561.46 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V Intelli-Phase Solution in TQFN 3x4

MP86934 Datasheet (HTML) - Monolithic Power Systems


MP86934 Product details

DESCRIPTION
The MP86934 is a monolithic half-bridge with
built-in internal power MOSFETs and gate
drivers. It achieves 25A of continuous output
current over a wide input supply range.
Integration of the driver and MOSFETS results
in high efficiency due to optimal dead time and
parasitic inductance reduction.
This very small 3mm x 4mm FC-TQFN device
can operate from 100kHz to 2MHz.
This device works with tri-state output
controllers. It also comes with a generalpurpose
current sense and temperature sense.
The MP86934 is ideal for Server and Telecom
applications where efficiency and small size are
a premium.

FEATURES
 Wide 4.5V to 16V Operating Input Range
 Compliant to Intel DrMOS V4.0 Spec.
 25A Output Current
 Accepts Tri-State PWM Signal
 Built-In Switch for bootstrap
 Current Sense
 Temperature Sense
 Current Limit Protection
 Over Temperature Protection
 Fault Reporting: OC and OT
 Used for Multi-Phase Operation
 Available in TQFN-21 (3mmx4mm) Package

APPLICATIONS
 Server and Telecom Voltage Regulators
 Graphic Card Core Regulators
 Power Modules




Similar Part No. - MP86934

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP86933 MPS-MP86933 Datasheet
708Kb / 14P
16V, Intelli-Phase Solution in a TQFN 3x3 Package
5/26/2021 Rev.1.2
MP86933GQT MPS-MP86933GQT Datasheet
708Kb / 14P
16V, Intelli-Phase Solution in a TQFN 3x3 Package
5/26/2021 Rev.1.2
MP86933GQT-P MPS-MP86933GQT-P Datasheet
708Kb / 14P
16V, Intelli-Phase Solution in a TQFN 3x3 Package
5/26/2021 Rev.1.2
MP86933GQT-Z MPS-MP86933GQT-Z Datasheet
708Kb / 14P
16V, Intelli-Phase Solution in a TQFN 3x3 Package
5/26/2021 Rev.1.2
logo
MPS Industries, Inc.
MP86936 MPSIND-MP86936 Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
More results


Similar Description - MP86934

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
KNM20S34 PURDY-KNM20S34 Datasheet
128Kb / 2P
3x4 Monoblock Immersion Proof Keypad
logo
Maxim Integrated Produc...
MAX98357DEVTQFN MAXIM-MAX98357DEVTQFN Datasheet
617Kb / 9P
MAX98357 Evaluation System (TQFN)
19-6843; Rev 3; 9/18
logo
Monolithic Power System...
MP86957 MPS-MP86957 Datasheet
612Kb / 16P
Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
Rev. 1.1 7/10/2020
MP86998 MPS-MP86998 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
MP5048 MPS-MP5048 Datasheet
1Mb / 24P
60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
Rev. 1.1 4/30/2021
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
MP86920 MPS-MP86920 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
Rev. 1.0 12/22/2020
MP86952 MPS-MP86952 Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
MP86936 MPSIND-MP86936 Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com