Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86957 Datasheet (PDF) - Monolithic Power Systems

MP86957 Datasheet PDF - Monolithic Power Systems
Part # MP86957
Download  MP86957 Download
File Size   612.23 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA

MP86957 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP86957 Datasheet PDF - Monolithic Power Systems

Part # MP86957
Download  MP86957 Click to download

File Size   612.23 Kbytes
Page   16 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA

MP86957 Datasheet (HTML) - Monolithic Power Systems


MP86957 Product details

DESCRIPTION
The MP86957 is a monolithic half-bridge with
built-in internal power MOSFETs and gate
drivers. It achieves 70A of continuous output
current over a wide input supply range.
The MP86957 is a monolithic IC approach that
can drive up to 70A per phase. Integration of
drivers and MOSFETs results in high efficiency
due to optimal dead time and parasitic
inductance reduction. This small 5mmx6mm
LGA device can operate from 100kHz to 3MHz.
The MP86957 offers many features to simplify
system design. This device works through
controllers with a tri-state PWM signal. It also
comes with Accu-SenseTM current sense to
monitor the inductor current, and temperature
sense to report junction temperature.
The MP86957 is ideal for server applications
where efficiency and small size are at a premium.

FEATURES
 Wide 3V to 16V Operating Input Range
 70A Output Current
 Current Sense: Accu-SenseTM
 Temperature Sense
 Accepts Tri-State PWM Signal
 Current Limit Fault Flag
 Over-Temperature Fault Flag
 Low-Side Catastrophic Fault Flag and
Protection
 Available in a 5mmx6mm LGA Package

APPLICATIONS
 Server Core Voltage
 Graphic Card Core Regulators
 Power Modules




Similar Part No. - MP86957

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP86950GLVT MPS-MP86950GLVT Datasheet
992Kb / 15P
Intelli-Phase TM Solution, Monolithic Half-Bridge with Integrated Internal Power MOSFETs and Gate Drivers
Rev. 1.0
MP86952 MPS-MP86952 Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
MP86952GMJ MPS-MP86952GMJ Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
MP86952GMJ-P MPS-MP86952GMJ-P Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
MP86952GMJ-Z MPS-MP86952GMJ-Z Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
More results


Similar Description - MP86957

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6263 INFINEON-TLE6263 Datasheet
811Kb / 40P
LS CAN, LDO and HS Switch
Version 2.08, 2004-06-07
logo
Vectron International, ...
TM-056 VECTRON-TM-056 Datasheet
370Kb / 7P
Integrated Timing Solution
logo
Monolithic Power System...
MP86998 MPS-MP86998 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
MP5048 MPS-MP5048 Datasheet
1Mb / 24P
60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
Rev. 1.1 4/30/2021
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
MP86920 MPS-MP86920 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
Rev. 1.0 12/22/2020
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
MP86952 MPS-MP86952 Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
MP86936 MPSIND-MP86936 Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com