Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5981 Datasheet (PDF) - Monolithic Power Systems

MP5981 Datasheet PDF - Monolithic Power Systems
Part # MP5981
Download  MP5981 Download
File Size   1103.5 Kbytes
Page   27 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution

MP5981 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP5981 Datasheet PDF - Monolithic Power Systems

Part # MP5981
Download  MP5981 Click to download

File Size   1103.5 Kbytes
Page   27 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution

MP5981 Datasheet (HTML) - Monolithic Power Systems


MP5981 Product details

DESCRIPTION
The MP5981 is a monolithic, integrated
controller and switch that contains a high-side
MOSFET and other circuitries that enable it to
work in standalone operation or to be controlled
by a hot-swap controller. The MP5981 drives up
to 50A of continuous current per device at room
temperature. With air flow, the continuous
current can reach 60A.
The MP5981 limits the inrush current to the
load when a circuit card is inserted into a live
backplane power source, thereby limiting the
backplane’s voltage drop. The MP5981 limits
the internal MOSFET current by controlling the
gate voltage through the current limit reference
input and soft-start ramp.
The MP5981 offers many features to simplify
system design. It provides an integrated current
mirror to monitor the output current and on-die
temperature sensing, eliminating the need for
an external current-sense power resistor, power
MOSFET, and thermal sense device.
The MP5981 detects the power FET gate,
source, and drain short conditions. It can also
provide feedback to the hot-swap controller via
the fault reporting output (GOK). The MP5981
can be paralleled for higher current applications.
All devices in parallel actively share current
during soft start.
The MP5981 is available in an LGA-32
(5mmx5mm) package.

FEATURES
• 4V to 16V Operating Input Range
• Maximum 50A Output Current
• Supports 60A of Output Current with Air
Flow
• Integrated Switch with 1.1mΩ RDS(ON)
• Built-In MOSFET Driver
• 3.0V LDO Output
• Integrated Current Sensing with Sense
Output
• Separate Current-Sensing Output Used to
Program Over-Current Value
• Built-In Insertion Delay
• Adjustable Soft Start (SS)
• Output Short-Circuit Protection (SCP)
• Over-Temperature Protection (OTP)
• Built-In Fuse Health Reporting
• Fault Signal Output
• Parallel Operation for High-Current
Applications
• Integrated Intelli-Fuse Temperature Sense
• Output Voltage Power-Down Control
• Available in an LGA-32 (5mmx5mm)
Package

APPLICATIONS
• Hot Swap
• PC Cards
• Disk Drives
• Servers
• Networking




Similar Part No. - MP5981

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
MP5921GV MPSIND-MP5921GV Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
logo
Monolithic Power System...
MP5990 MPS-MP5990 Datasheet
1Mb / 72P
16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
Rev. 1.1 4/19/2024
MP5990GMA MPS-MP5990GMA Datasheet
1Mb / 72P
16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
Rev. 1.1
logo
MPS Industries, Inc.
MP5991 MPSIND-MP5991 Datasheet
1Mb / 33P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
4/27/2022 Rev. 1.0
More results


Similar Description - MP5981

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3918 TI-UCC3918 Datasheet
192Kb / 11P
LOW ON-RESISTANCE HOT SWAP POWER MANAGER
logo
Maxim Integrated Produc...
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
logo
Monolithic Power System...
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
MP5022C MPS-MP5022C Datasheet
1Mb / 21P
12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
logo
ON Semiconductor
NCP81295 ONSEMI-NCP81295 Datasheet
1Mb / 24P
Hot Swap Smart Fuse
April, 2020 ??Rev. 12
logo
Maxim Integrated Produc...
MAX5911EVKIT MAXIM-MAX5911EVKIT Datasheet
1Mb / 7P
Provides Safe Hot Swap for -16V to -65V Power Supplies
Rev 0; 3/13
logo
Analog Devices
LT4200 AD-LT4200 Datasheet
803Kb / 18P
50A Hot Swap E-Fuse with Guaranteed SOA
logo
Monolithic Power System...
MP5048 MPS-MP5048 Datasheet
1Mb / 24P
60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
Rev. 1.1 4/30/2021
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com