Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5991 Datasheet (PDF) - MPS Industries, Inc.

MP5991 Datasheet PDF - MPS Industries, Inc.
Part # MP5991
Download  MP5991 Download
File Size   1198.79 Kbytes
Page   33 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution

MP5991 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP5991 Datasheet PDF - MPS Industries, Inc.

Part # MP5991
Download  MP5991 Click to download

File Size   1198.79 Kbytes
Page   33 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description 16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution

MP5991 Datasheet (HTML) - MPS Industries, Inc.


MP5991 Product details

DESCRIPTION
The MP5991 is an integrated, monolithic
controller and switch with a power MOSFET
and other circuitry that allows it to work in
standalone operation or to be controlled via a
hot-swap controller. The device can drive up to
50A of continuous output current (IOUT) per
device at room temperature, and up to 60A of
continuous IOUT with air flow.
The device limits the backplane voltage drop by
limiting the inrush current to the load while a
circuit card is inserted into a live backplane
power source. It limits the internal MOSFET
current (IFET) by controlling the gate voltage
(VGATE) via the current limit (ILIMIT) reference
input and soft-start ramp.
The MP5991 provides many features to simplify
system design, such as an integrated current
mirror to monitor IOUT and the integrated on-die
temperature sense. This eliminates the need for
an external current-sense power resistor, power
MOSFET, and temperature-sense device.
The IC detects the power MOSFET’s gate,
source, and drain short conditions. It also
provides feedback to the hot-swap controller via
the fault-reporting output (GOK). The MP5991
can operate in parallel for high-current
applications. During start-up, all of the devices
in parallel actively share current.
The MP5991 is available in an LGA-32
(5mmx5mm) package.

FEATURES
• 4V to 16V Operating Input Voltage (VIN)
Range
• Up to 50A Continuous Output Current (IOUT)
• Up to 60A Continuous IOUT with Air Flow
• Integrated Power MOSFET with 1mΩ RDS(ON)
• IMON Reporting (±1% Accuracy)
• Built-In MOSFET Driver
• 3.3V LDO Output
• Integrated Current Sense with Sense
Output
• Configurable Over-Current Limit
• Configurable Short-Circuit Current Limit
• Built-In Insertion Delay
• Configurable Soft Start (SS)
• Output Short-Circuit Protection (SCP)
• Over-Temperature Protection (OTP)
• Built-In Fuse Health Reporting
• Fault Signal Output (GOK)
• Fault Type Indication (FLT_TYPE)
• Supports Parallel Operation for High-
Current Applications
• Integrated Intelli-Fuse Temperature Sense
• Available in an LGA-32 (5mmx5mm)
Package
APPLICATIONS
• Hot Swap
• PC Cards
• Disk Drives
• Servers
• Networking




Similar Part No. - MP5991

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5990 MPS-MP5990 Datasheet
1Mb / 72P
16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
Rev. 1.1 4/19/2024
MP5990GMA MPS-MP5990GMA Datasheet
1Mb / 72P
16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
Rev. 1.1
More results


Similar Description - MP5991

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
logo
Monolithic Power System...
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
MP5022C MPS-MP5022C Datasheet
1Mb / 21P
12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
logo
ON Semiconductor
NCP81295 ONSEMI-NCP81295 Datasheet
1Mb / 24P
Hot Swap Smart Fuse
April, 2020 ??Rev. 12
logo
Maxim Integrated Produc...
MAX5911EVKIT MAXIM-MAX5911EVKIT Datasheet
1Mb / 7P
Provides Safe Hot Swap for -16V to -65V Power Supplies
Rev 0; 3/13
logo
Analog Devices
LT4200 AD-LT4200 Datasheet
803Kb / 18P
50A Hot Swap E-Fuse with Guaranteed SOA
logo
Monolithic Power System...
MP5048 MPS-MP5048 Datasheet
1Mb / 24P
60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
Rev. 1.1 4/30/2021
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com