Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5991 Datasheet(PDF) 3 Page - MPS Industries, Inc.

Part # MP5991
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5991 Datasheet(HTML) 3 Page - MPS Industries, Inc.

  MP5991 Datasheet HTML 1Page - MPS Industries, Inc. MP5991 Datasheet HTML 2Page - MPS Industries, Inc. MP5991 Datasheet HTML 3Page - MPS Industries, Inc. MP5991 Datasheet HTML 4Page - MPS Industries, Inc. MP5991 Datasheet HTML 5Page - MPS Industries, Inc. MP5991 Datasheet HTML 6Page - MPS Industries, Inc. MP5991 Datasheet HTML 7Page - MPS Industries, Inc. MP5991 Datasheet HTML 8Page - MPS Industries, Inc. MP5991 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
MP5991
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5991 Rev. 1.0
MonolithicPower.com
3
4/27/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL APPLICATION (continued)
VIN
VOUT
VIN
VOUT
ON
IMON
MODE
SS
OCREF
VTEMP
CS
Pull Up
TVS
SCREF_
OCWREF
VGOK
OC Warning
MP5991
VIN
VOUT
ON
IMON
SS
OCREF
VTEMP
VDD33
GND
SCREF_
OCWREF
VIN
VOUT
ON
IMON
SS
OCREF
VTEMP
SCREF_
OCWREF
VDD33
GND
GND
GOK D_OC
FLT_ TYPE
CS
GOK D_OC
CS
GOK
D_OC
MODE
FLT_ TYPE
MODE
FLT_ TYPE
Fault Type
Indication
MP5991
MP5991
VDD33
Figure 2: MP5991 3-Phase Parallel Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com