Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5991 Datasheet(PDF) 21 Page - MPS Industries, Inc.

Part # MP5991
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5991 Datasheet(HTML) 21 Page - MPS Industries, Inc.

Back Button MP5991 Datasheet HTML 17Page - MPS Industries, Inc. MP5991 Datasheet HTML 18Page - MPS Industries, Inc. MP5991 Datasheet HTML 19Page - MPS Industries, Inc. MP5991 Datasheet HTML 20Page - MPS Industries, Inc. MP5991 Datasheet HTML 21Page - MPS Industries, Inc. MP5991 Datasheet HTML 22Page - MPS Industries, Inc. MP5991 Datasheet HTML 23Page - MPS Industries, Inc. MP5991 Datasheet HTML 24Page - MPS Industries, Inc. MP5991 Datasheet HTML 25Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
MP5991
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5991 Rev. 1.0
MonolithicPower.com
21
4/27/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
OPERATION
The MP5991 is a monolithic Intelli-Fuse device
with
an
integrated,
1mΩ
RDS(ON)
power
MOSFET that is ideally suited for multi-fuse hot-
swap applications. The MP5991 can operate
alone or can be controlled via a hot-swap
controller for multi-fuse operation. It can drive
up to 50A of continuous output current (IOUT) per
device at room temperature, and up to 60A of
continuous IOUT with air flow.
The device limits the backplane voltage drop by
limiting the inrush current to the load while a
circuit card is inserted into a live backplane
power source. It also provides an integrated
current mirror to monitor IOUT and the integrated
on-die temperature sense. This eliminates the
need for an external current-sense power
resistor, power MOSFET, and temperature-
sense device.
The
MP5991
monitors
the
current
and
temperature to feedback information to the
processor or controller. It limits the internal
MOSFET current (IFET) by controlling the gate
voltage (VGATE) via the current limit (ILIMIT)
reference input and soft-start ramp.
MOSFET On/Off Control (ON)
The ON pin turns the power MOSFET on and
off. Pull ON above 1.4V to turn the MOSFET on;
pull ON below 1.2V to turn it off. There is a fixed
tON_DELAY (1.3ms) that starts once ON exceeds
1.4V. The MOSFET remains off until tON_DELAY is
finished. If a fault does not occur, the ON pin
can turn the MOSFET on after 1.3ms. Figure 6
shows the MOSFET on/off control for when
GOK is pulled up to VDD33.
VIN /
VDD33
VON
On
MOSFET
VGOK
Off
>1.4 V
tON_DELAY
On
>1ms
Off
tON_DELAY
Figure 6: MOSFET On/Off Control
If a fault occurs, the GOK is pulled low and the
device shuts down. The fault status is cleared
and GOK is pulled high once ON is pulled low,
regardless of whether the fault is removed. If
the fault is removed while ON is low, pull ON
above 1.4V after a blanking time (tON_BLANK)
(1ms) can start up the device, regardless of
which mode it is in (either latch-off mode or
hiccup mode). Figure 7 shows the MOSFET
on/off control if a fault occurs.
VIN/
VDD33
VON
On
MOSFET
VGOK
Off
>1.4 V
tON_DELAY
On
On
tON_BLANK
Fault
Event
Fault Event
tON_DELAY
tON_DELAY
tON_BLANK
Figure 7: MOSFET On/Off Control if a Fault
Occurs
In standalone mode, the CON can be used for
automatic start-up via the internal
pull-up
current source (4.2µA). If the MP5991 is paired
with an Intelli-Fuse master or controller, then
ON is controlled via the master or controller.
Soft Start (SS)
A soft-start capacitor (CSS) determines the soft-
start time (tSS). If ON is pulled high and tON_DELAY
finishes, a constant-current source proportional
to VIN charges CSS. VOUT rises at a similar slew
rate to VSS.
CSS can be calculated with Equation (1):
( )
( )
=
SS
SS
SS
9 t
ms
C
nF
R
(1)
Where RSS is 0.8MΩ.
For example, a 100nF capacitor sets tSS to
8.9ms. If the load capacitance is extremely
large, the current required to maintain the
preset tSS should exceed the current limit (ILIMIT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com