Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5990GMA Datasheet (PDF) - Monolithic Power Systems

MP5990GMA Datasheet PDF - Monolithic Power Systems
Part # MP5990GMA
Download  MP5990GMA Download
File Size   1596.47 Kbytes
Page   72 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface

MP5990GMA Datasheet (PDF)

Go To PDF Page Download Datasheet
MP5990GMA Datasheet PDF - Monolithic Power Systems

Part # MP5990GMA
Download  MP5990GMA Click to download

File Size   1596.47 Kbytes
Page   72 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface

MP5990GMA Datasheet (HTML) - Monolithic Power Systems


MP5990GMA Product details

DESCRIPTION
The MP5990 is a fully integrated, PMBus
compatible, compact hot-swap protection
device. It contains a hot-swap controller and a
high-side power MOSFET (HS-FET), which
allow it to operate as a standalone device. The
MP5990 can also operate as a hot-swap
controller in parallel with the multi-phase
MP5991. The device can achieve up to 50A of
continuous output current (IOUT) per device at
room temperature, and up to 60A of continuous
IOUT with airflow.
The device limits the backplane voltage drop by
limiting the inrush current to the load while a
circuit card is inserted into a live backplane
power source. The MP5990 limits the internal
MOSFET current (IFET) by controlling the gate
voltage (VGATE) via the current limit (ILIMIT)
reference input and soft-start ramp.
The MP5990 provides many features to simplify
system design, such as an integrated current
mirror to monitor IOUT and integrated on-die
temperature-sensing. This eliminates the need
for an external current-sense power resistor,
power MOSFET, and temperature-sense device.
The MP5990 provides rich fault protections,
such as input voltage (VIN) over-voltage
protection (OVP), IOUT over-current protection
(OCP), short-circuit protection (SCP), and overtemperature protection (OTP). The MP5990
detects power MOSFET gate, source, and drain
short conditions. The fault status can be
indicated with the fault report output (GOK).
The MP5990 also provides VIN under-voltage
warning (UVW), output over-current warning
(D_OC) and power good (PG) indication.
The PMBus interface provides VIN, input current
(IIN), input energy (EIN), output voltage (VOUT),
IOUT, input power (PIN), and output power (POUT)
telemetry. The MP5990 monitors and reports
fault statuses through the PMBus interface.
The MP5990 is available in an LGA-45
(5mmx7mm) package.

FEATURES
• 4V to 16V Operating Input Voltage (VIN)
Range
• Maximum 50A of Output Current (IOUT)
• Supports 60A of IOUT with Air Flow
• 1mΩ Integrated Power MOSFET
• PMBus/I2C 1.3 Compatible
• ±1% IMON Reporting Accuracy
• Built-In MOSFET Driver
• Integrated Current-Sense with Sense Output
• Configurable Over-Current Limit
• Configurable Short-Circuit Current Limit
• Built-In Insertion Delay
• Configurable Soft Start (SS)
• Built-In Fuse Health Reporting
• Fault Signal Output (GOK)
• Power Good Indication (PG)
• VIN Under-Voltage Warning (UVW)
• Fault Type Indication (FLT_TYPE)
• Faults Auto-Record to the NVM
• VIN OVP, SCP, OCP, and OTP with Options
for No Action, Latch, Retry, or Hiccup Mode
• Intelli-Fuse Junction Temperature Monitoring
• Intelli-Fuse Controller
• Built-in NVM to Store Custom Configurations
• High Precision EIN, PIN, POUT, and IOUT
Reporting
• Configurable TON_DELAY and
TOFF_DELAY
• NVM Write Protection
• Available in an LGA-45 (5mmx7mm)
Package

APPLICATIONS
• Hot Swaps
• PC Cards
• Disk Drives
• Servers
• 5G Telecom
• Networking
• Laptops




Similar Part No. - MP5990GMA

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5990 MPS-MP5990 Datasheet
1Mb / 72P
16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
Rev. 1.1 4/19/2024
More results


Similar Description - MP5990GMA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
logo
Maxim Integrated Produc...
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
MAX15096 MAXIM-MAX15096 Datasheet
678Kb / 15P
Integrated Hot-Swap/Electronic
Rev 0; 3/14
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
REV. A
logo
Monolithic Power System...
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
MP5022C MPS-MP5022C Datasheet
1Mb / 21P
12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
logo
Analog Devices
LT4200 AD-LT4200 Datasheet
803Kb / 18P
50A Hot Swap E-Fuse with Guaranteed SOA
logo
Monolithic Power System...
MP5048 MPS-MP5048 Datasheet
1Mb / 24P
60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
Rev. 1.1 4/30/2021
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com