Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1276 Datasheet (PDF) - Analog Devices

ADM1276 Datasheet PDF - Analog Devices
Part # ADM1276
Download  ADM1276 Download
File Size   628.88 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface

ADM1276 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1276 Datasheet PDF - Analog Devices

Part # ADM1276
Download  ADM1276 Click to download

File Size   628.88 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface

ADM1276 Datasheet (HTML) - Analog Devices


ADM1276 Product details

GENERAL DESCRIPTION
The ADM1276 is a hot swap controller that allows a circuit board to be removed from or inserted into a live backplane. It also features current and voltage readback via an integrated 12-bit analog-to-digital converter (ADC), accessed using a PMBus™ interface.

FEATURES
   Controls supply voltages from 2 V to 20 V
   370 ns response time to short circuit
   Resistor-programmable 5 mV to 25 mV current limit
   ±1% accurate, 12-bit ADC for current, VIN/VOUT readback
   Charge pumped gate drive for multiple external N-channel FETs
   High gate drive voltage to ensure lowest RDSON
   Foldback for tighter FET SOA protection
   Automatic retry or latch-off on current fault
   Programmable current-limit timer for SOA
   Programmable, multifunction GPO
   Power-good status output
   Analog UV and OV protection
   ENABLE pin
   Reports power and energy consumption over time
   Peak detect registers for current and voltage
   PMBus fast mode compliant interface
   20-lead LFCSP

APPLICATIONS
   Power monitoring and control/power budgeting
   Central office equipment
   Telecommunication and data communication equipment
   PCs/servers




Similar Part No. - ADM1276

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
High Voltage Input Protection Device
REV. A
More results


Similar Description - ADM1276

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
Hot Swap Controller and Digital Power Monitor with Convert Pin
9/06-Revision 0
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with AlertB Output
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
??8 V Hot Swap Controller and Digital
REV. A
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
Hot-Swap Controller and Digital Power
REV. D
logo
Linear Technology
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
logo
Texas Instruments
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
REV. A
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
3/2020-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com