Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86936 Datasheet (PDF) - MPS Industries, Inc.

MP86936 Datasheet PDF - MPS Industries, Inc.
Part # MP86936
Download  MP86936 Download
File Size   606.29 Kbytes
Page   14 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs

MP86936 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP86936 Datasheet PDF - MPS Industries, Inc.

Part # MP86936
Download  MP86936 Click to download

File Size   606.29 Kbytes
Page   14 Pages
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.
Description Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs

MP86936 Datasheet (HTML) - MPS Industries, Inc.


MP86936 Product details

DESCRIPTION
The MP86936 is a monolithic half-bridge Intelli-
PhaseTM solution with built-in internal power
MOSFETs and gate drivers. It achieves 60A of
continuous output current across a wide input
supply range.
The MP86936 utilizes a monolithic IC approach
to drive up to 60A per phase. Integrated drivers
and MOSFETs provide high efficiency by
optimizing dead time and reducing parasitic
inductance. This device works with controllers
with a tri-state PWM signal, and can operate at
frequencies from 100kHz to 3MHz.
Features to simplify system design include an
accurate current sense (Accu-SenseTM) to
monitor the inductor current, and temperature
sense to report the junction temperature.
The MP86936 is ideal for server applications
where efficiency and small size are at a premium.
It is available in a very small TQFN-23
(3mmx6mm) package.

FEATURES
• Wide 3V to 16V Operating Input Range
• 60A Output Current
• Accu-SenseTM Current Sense
• Temperature Sense
• Accepts Tri-State PWM Signal
• Current-Limit Protection
• Over-Temperature Protection (OTP)
• Fault Reporting
• Available in a 3mmx6mm TQFN-23
Package

APPLICATIONS
• Server Core Voltage
• Graphic Card Core Regulators
• Power Modules




Similar Part No. - MP86936

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP86933 MPS-MP86933 Datasheet
708Kb / 14P
16V, Intelli-Phase Solution in a TQFN 3x3 Package
5/26/2021 Rev.1.2
MP86933GQT MPS-MP86933GQT Datasheet
708Kb / 14P
16V, Intelli-Phase Solution in a TQFN 3x3 Package
5/26/2021 Rev.1.2
MP86933GQT-P MPS-MP86933GQT-P Datasheet
708Kb / 14P
16V, Intelli-Phase Solution in a TQFN 3x3 Package
5/26/2021 Rev.1.2
MP86933GQT-Z MPS-MP86933GQT-Z Datasheet
708Kb / 14P
16V, Intelli-Phase Solution in a TQFN 3x3 Package
5/26/2021 Rev.1.2
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
More results


Similar Description - MP86936

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBF4391 PHILIPS-PMBF4391 Datasheet
40Kb / 7P
N-channel FETs
April 1995
logo
Panasonic Semiconductor
2SK0665 PANASONIC-2SK0665 Datasheet
79Kb / 3P
Silicon MOS FETs
logo
Motorola, Inc
JF1033 MOTOROLA-JF1033 Datasheet
25Kb / 1P
SMALL-SIGNAL TRANSISTOR,FETs AND DIODE
logo
SMSC Corporation
USB2601 SMSC-USB2601 Datasheet
710Kb / 26P
4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
USB2601 SMSC-USB2601_06 Datasheet
430Kb / 26P
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
logo
Leshan Radio Company
LBSS8402DW1T1G LRC-LBSS8402DW1T1G Datasheet
649Kb / 9P
FETs and Diodes
logo
Monolithic Power System...
MP86957 MPS-MP86957 Datasheet
612Kb / 16P
Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
Rev. 1.1 7/10/2020
MP86998 MPS-MP86998 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
MP86920 MPS-MP86920 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
Rev. 1.0 12/22/2020
MP86952 MPS-MP86952 Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com