Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86936 Datasheet(PDF) 3 Page - MPS Industries, Inc.

Part # MP86936
Description  Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP86936 Datasheet(HTML) 3 Page - MPS Industries, Inc.

  MP86936 Datasheet HTML 1Page - MPS Industries, Inc. MP86936 Datasheet HTML 2Page - MPS Industries, Inc. MP86936 Datasheet HTML 3Page - MPS Industries, Inc. MP86936 Datasheet HTML 4Page - MPS Industries, Inc. MP86936 Datasheet HTML 5Page - MPS Industries, Inc. MP86936 Datasheet HTML 6Page - MPS Industries, Inc. MP86936 Datasheet HTML 7Page - MPS Industries, Inc. MP86936 Datasheet HTML 8Page - MPS Industries, Inc. MP86936 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP86936
– INTELLI-PHASETM WITH INTEGRATED DRIVER AND MOSFETS
MP86936 Rev. 1.1
www.MonolithicPower.com
3
8/4/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 15, 16
VIN
Supply voltage. Place the input capacitor (CIN) close to the device to support the
switching current and reduce voltage spikes at the input.
2, 3, 4, 5
SW
Phase node.
6
VDRV
Driver voltage. Connect this pin to a 3.3V supply and decouple with a 1µF to 4.7µF
ceramic capacitor.
7, 8, 9, 10,
11, 12, 13, 14
PGND
Power ground.
17
PWM
Pulse width modulation (PWM) input. Leave PWM floating or drive it to a mid-
state to put SW in a high-impedance state.
18
SYNC
Diode emulation mode and standby mode selection. Leave SYNC floating or
drive it to a mid-state to enter standby mode. Pull this pin high for continuous
conduction mode (CCM). Pull this pin low to enable diode emulation mode.
19
CS
Current-sense output. Use an external resistor to adjust the voltage to be
proportional to the inductor current.
20
VTEMP/FLT
Single-pin temperature sense and fault reporting. If a fault occurs, this pin is
pulled up to 3.3V.
21
AGND
Analog ground.
22
VDD
Internal circuitry voltage. Connect this pin to VDRV through a
2.2Ω resistor and
decouple with a 1µF capacitor to AGND. Connect AGND and PGND at the VDD
capacitor.
23
BST
Bootstrap. BST requires a 0.1µF to 0.22µF capacitor to drive the power switch gate
above the supply voltage. Connect the capacitor between SW and BST pins to form
a floating supply across the power switch driver.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ..................................... 18V
VIN to VSW (DC)..............................-0.3V to +25V
VIN to VSW (10ns) ..............................-5V to +32V
VSW to PGND (DC)................ -0.3V to VIN + 0.3V
VSW to PGND (25ns) ........................ -5V to +25V
VBST ...................................................... VSW + 4V
VDD, VDRV .........................................-0.3V to +4V
All other pins ........................ -0.3V to VDD + 0.3V
Instantaneous current ................................. 95A
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +150°C
ESD Ratings
Human body model (HBM) .................. Class 1C
Charged device model (CDM) .......... Class C2B
Recommended Operating Conditions (2)
Supply voltage (VIN) .........................3.0V to 16V
Driver voltage (VDRV) .......................3.0V to 3.6V
Logic voltage (VDD)..........................3.0V to 3.6V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (3)
θJB
θJC_TOP
TQFN-23 (3mmx6mm) ...........1.8 ...... 15
…
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its operating
conditions.
3)
θ
JB: Thermal resistance from the junction to board around the
PGND soldering point.
θ
JC_TOP: Thermal resistance from the junction to the top of the
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com