Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86936 Datasheet(PDF) 13 Page - MPS Industries, Inc.

Part # MP86936
Description  Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP86936 Datasheet(HTML) 13 Page - MPS Industries, Inc.

Back Button MP86936 Datasheet HTML 6Page - MPS Industries, Inc. MP86936 Datasheet HTML 7Page - MPS Industries, Inc. MP86936 Datasheet HTML 8Page - MPS Industries, Inc. MP86936 Datasheet HTML 9Page - MPS Industries, Inc. MP86936 Datasheet HTML 10Page - MPS Industries, Inc. MP86936 Datasheet HTML 11Page - MPS Industries, Inc. MP86936 Datasheet HTML 12Page - MPS Industries, Inc. MP86936 Datasheet HTML 13Page - MPS Industries, Inc. MP86936 Datasheet HTML 14Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP86936
– INTELLI-PHASETM WITH INTEGRATED DRIVER AND MOSFETS
MP86936 Rev. 1.1
www.MonolithicPower.com
13
8/4/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
CARRIER INFORMATION
Part Number
Package
Description
Quantity/
Reel
Quantity/
Tube
Quantity/
Tray
Reel
Diameter
Carrier
Tape
Width
Carrier
Tape
Pitch
MP86936GRJT-Z
TQFN-23
(3mmx6mm)
5000
N/A
N/A
13in
12mm
8mm
Pin1
1
1
1
1
ABCD
ABCD
ABCD
ABCD
Feed Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com