Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86936 Datasheet(PDF) 7 Page - MPS Industries, Inc.

Part # MP86936
Description  Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP86936 Datasheet(HTML) 7 Page - MPS Industries, Inc.

Back Button MP86936 Datasheet HTML 3Page - MPS Industries, Inc. MP86936 Datasheet HTML 4Page - MPS Industries, Inc. MP86936 Datasheet HTML 5Page - MPS Industries, Inc. MP86936 Datasheet HTML 6Page - MPS Industries, Inc. MP86936 Datasheet HTML 7Page - MPS Industries, Inc. MP86936 Datasheet HTML 8Page - MPS Industries, Inc. MP86936 Datasheet HTML 9Page - MPS Industries, Inc. MP86936 Datasheet HTML 10Page - MPS Industries, Inc. MP86936 Datasheet HTML 11Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MP86936
– INTELLI-PHASETM WITH INTEGRATED DRIVER AND MOSFETS
MP86936 Rev. 1.1
www.MonolithicPower.com
7
8/4/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Waveform
VIN = 12V, L = 150nH, IOUT = 30A
Dead Time at SW Rising
IOUT = 30A
CH2: VSW
4V/div.
CH2: VSW
1V/div.
100ns/div.
2.5ns/div.
Current-Sense Output Waveform
IOUT = 0A
Current-Sense Output Waveform
IOUT = 30A
CH4: CS
200mV/div.
CH2: VSW
4V/div.
CH4: CS
200mV/div.
CH2: VSW
4V/div.
500ns/div.
500ns/div.
High-Side Current Limit
CH2: PWM
2V/div.
CH1: Fault
2V/div.
CH3: IL
20A/div.
CH4: SW
4V/div.
5µs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com