Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86952 Datasheet (PDF) - Monolithic Power Systems

MP86952 Datasheet PDF - Monolithic Power Systems
Part # MP86952
Download  MP86952 Download
File Size   1037.82 Kbytes
Page   13 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers

MP86952 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP86952 Datasheet PDF - Monolithic Power Systems

Part # MP86952
Download  MP86952 Click to download

File Size   1037.82 Kbytes
Page   13 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers

MP86952 Datasheet (HTML) - Monolithic Power Systems


MP86952 Product details

DESCRIPTION
The MP86952 is a radiation-tolerant, monolithic
half-bridge IC with built-in internal power
MOSFETs and gate drivers. It achieves up to
70A of continuous output current across a wide
3V to 16V input voltage range.
This Intelli-Phase™ solution can drive up to
70A of current per phase. The integrated
MOSFETs and drivers achieve high efficiency
through optimized dead time (DT) and reduced
parasitic inductance. The MP86952 has an
operating range of 100kHz to 3MHz.
This device offers many features to simplify
system design. It is compatible with tri-state
pulse-width modulation (PWM) signal
controllers, has Accu-SenseTM current sense to
monitor the inductor current (IL), and has
temperature sense to report the junction
temperature (TJ).
The MP86952 is ideal for server applications
where efficiency and small size are critical. The
MP86952 is available in an LGA-41 (5mmx6mm)
package.

FEATURES
 Wide 3V to 16V Operating Input Range
 Up to 70A Continuous Output Current
 Current Sense with Accu-SenseTM
 Temperature Sense
 Tri-State Pulse-Width Modulation (PWM)
Signal Compatible
 Current-Limit Protection
 Over-Temperature Protection (OTP)
 Fault Reporting
 Available in an LGA-41 (5mmx6mm)
Package

APPLICATIONS
 Server Core Voltages
 Graphic Card Core Regulators
 Power Modules




Similar Part No. - MP86952

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP86950GLVT MPS-MP86950GLVT Datasheet
992Kb / 15P
Intelli-Phase TM Solution, Monolithic Half-Bridge with Integrated Internal Power MOSFETs and Gate Drivers
Rev. 1.0
MP86957 MPS-MP86957 Datasheet
612Kb / 16P
Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
Rev. 1.1 7/10/2020
MP86957A MPS-MP86957A Datasheet
612Kb / 16P
Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
Rev. 1.1 7/10/2020
MP86957GMJ MPS-MP86957GMJ Datasheet
612Kb / 16P
Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
Rev. 1.1 7/10/2020
More results


Similar Description - MP86952

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-2100AEH INTERSIL-IS-2100AEH Datasheet
114Kb / 2P
Radiation Hardened High Frequency Half Bridge Drivers
August 28, 2012
logo
Micrel Semiconductor
MIC4604 MICREL-MIC4604 Datasheet
925Kb / 18P
85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive
logo
Texas Instruments
LM25101A TI1-LM25101A_15 Datasheet
1Mb / 26P
Half-Bridge Gate Drivers
logo
Monolithic Power System...
MP86957 MPS-MP86957 Datasheet
612Kb / 16P
Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
Rev. 1.1 7/10/2020
MP86998 MPS-MP86998 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
MP86920 MPS-MP86920 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
Rev. 1.0 12/22/2020
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
MP86936 MPSIND-MP86936 Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com