Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86952 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP86952
Description  16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86952 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP86952 Datasheet HTML 4Page - Monolithic Power Systems MP86952 Datasheet HTML 5Page - Monolithic Power Systems MP86952 Datasheet HTML 6Page - Monolithic Power Systems MP86952 Datasheet HTML 7Page - Monolithic Power Systems MP86952 Datasheet HTML 8Page - Monolithic Power Systems MP86952 Datasheet HTML 9Page - Monolithic Power Systems MP86952 Datasheet HTML 10Page - Monolithic Power Systems MP86952 Datasheet HTML 11Page - Monolithic Power Systems MP86952 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MP86952
– 70A INTELLI-PHASE™ SOLUTION WITH BUILT-IN MOSFETS AND DRIVERS
MP86952 Rev. 1.0
MonolithicPower.com
8
5/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MP86952 is a 16V, 70A, monolithic, half-
bridge Intelli-Phase
™ solution with integrated
power MOSFETs and drivers. It is ideal for
multi-phase buck regulator applications.
An external 3.3V supply is required to supply
both the VDD and VDRV pins. Once the EN,
VDD, and VDRV pins transition from low to
high, the part starts up.
Pulse-Width Modulation (PWM)
The pulse-width modulation (PWM) input can
operate as a tri-state input. If the PWM input
signal is within the tri-state threshold window
(tHT to tLT) for 50ns, then the high-side MOSFET
(HS-FET) turns off and the low-side MOSFET
(LS-FET) enters diode emulation mode. The
LS-FET remains in diode emulation mode until
zero-current
detection
(ZCD).
The
tri-state
PWM input can come from a forced middle-
voltage PWM signal, or can be made by floating
the PWM input so that the internal current
source charges the signal to a middle voltage.
Figure 2 shows the propagation delay definition
from PWM to the SW node.
tRISING
tFALLING
tLT
tTH
tHT
tTL
SW
PWM
Hi-Z
Hi-Z
Figure 2: PWM Timing Diagram
Diode Emulation Mode
In diode emulation mode, PWM is low or in a tri-
state input. If the inductor current (IL) is positive,
then the LS-FET turns on. If IL is negative or
crosses the ZCD threshold, then the LS-FET
turns off. Diode emulation mode can be
enabled by driving the PWM pin to a middle
state or floating PWM.
Current Sense (CS)
The MP86952’s current sense (CS) is a
bidirectional current source proportional to IL.
The current-sense gain (GCS) is 5μA/A. A
resistor can be used to adjust the voltage gain
to be proportional to IL.
The IOUT pin has two output states (see Table
1). If EN is low (disabled), then the current-
sense circuit is disabled and IOUT is in a high-
impedance (Hi-Z) state.
Table 1: IOUT Output States
PWM
EN
IOUT
Enabled
High
Active
Disabled
Low
Hi-Z
IOUT requires a 0.7V to 2.1V voltage range to
achieve an accurate current output of up to
+350
μA/-200μA (+70A/-40A). A resistor (RIOUT)
from IOUT to an external voltage is typically
used to sink small currents and provide the
0.7V to 2.1V voltage level to meet the IOUT
operating voltage. The proper reference voltage
(VCM) connected to RIOUT can be calculated with
Equation (1):
IOUT
IOUT
CM
0.7V
I
R
V
2.1V
(1)
The output current (IIOUT) can be calculated with
Equation (2):
IOUT
SW
IOUT
I
I
G

(2)
The Intelli-PhaseTM current-sense output is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com