Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86952 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP86952
Description  16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86952 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP86952 Datasheet HTML 5Page - Monolithic Power Systems MP86952 Datasheet HTML 6Page - Monolithic Power Systems MP86952 Datasheet HTML 7Page - Monolithic Power Systems MP86952 Datasheet HTML 8Page - Monolithic Power Systems MP86952 Datasheet HTML 9Page - Monolithic Power Systems MP86952 Datasheet HTML 10Page - Monolithic Power Systems MP86952 Datasheet HTML 11Page - Monolithic Power Systems MP86952 Datasheet HTML 12Page - Monolithic Power Systems MP86952 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MP86952
– 70A INTELLI-PHASE™ SOLUTION WITH BUILT-IN MOSFETS AND DRIVERS
Notice: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third-party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP86952 Rev. 1.0
MonolithicPower.com
13
5/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
REVISION HISTORY
Revision #
Revision Date
Description
Pages Updated
1.0
5/13/2021
Initial Release
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com