Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86952 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP86952
Description  16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86952 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP86952 Datasheet HTML 5Page - Monolithic Power Systems MP86952 Datasheet HTML 6Page - Monolithic Power Systems MP86952 Datasheet HTML 7Page - Monolithic Power Systems MP86952 Datasheet HTML 8Page - Monolithic Power Systems MP86952 Datasheet HTML 9Page - Monolithic Power Systems MP86952 Datasheet HTML 10Page - Monolithic Power Systems MP86952 Datasheet HTML 11Page - Monolithic Power Systems MP86952 Datasheet HTML 12Page - Monolithic Power Systems MP86952 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MP86952
– 70A INTELLI-PHASE™ SOLUTION WITH BUILT-IN MOSFETS AND DRIVERS
MP86952 Rev. 1.0
MonolithicPower.com
12
5/13/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
CARRIER INFORMATION
Pin1
1
1
1
1
ABCD
ABCD
ABCD
ABCD
Feed Direction
Part Number
Package
Description
Quantity/
Reel
Quantity/
Tube
Quantity/
Tray
Reel
Diameter
Carrier
Tape Width
Carrier
Tape Pitch
MP86952GMJ-Z
LGA-41
(5mmx6mm)
5000
N/A
N/A
13in
12mm
8mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com