Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4604 Datasheet (PDF) - Micrel Semiconductor

MIC4604 Datasheet PDF - Micrel Semiconductor
Part # MIC4604
Download  MIC4604 Download
File Size   925.07 Kbytes
Page   18 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive

MIC4604 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4604 Datasheet PDF - Micrel Semiconductor

Part # MIC4604
Download  MIC4604 Click to download

File Size   925.07 Kbytes
Page   18 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive

MIC4604 Datasheet (HTML) - Micrel Semiconductor


MIC4604 Product details

General Description
The MIC4604 is an 85V Half Bridge MOSFET driver. The MIC4604 features fast 39ns propagation delay times and 20ns driver rise/fall times for a 1nF capacitive load. The low-side and high-side gate drivers are independently controlled. The MIC4604 has TTL input thresholds. It includes a high-voltage internal diode that helps charge the high-side gate drive bootstrap capacitor.

Features
• 5.5V to 16V gate drive supply voltage range.
• Drives high-side and low-side N-Channel MOSFETs
   with independent inputs
• TTL input thresholds
• On chip bootstrap diode
• Fast 39ns propagation times
• Drives 1000pF load with 20ns rise and fall times
• Low power consumption
• Supplies undervoltage protection
• –40°C to +125°C junction temperature range

Applications
• Power inverters
• High-voltage step-down regulators
• Half, full and 3-phase bridge motor drives
• Distributed power systems
• Computing peripherals




Similar Part No. - MIC4604

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600 Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
MIC4600 MICROCHIP-MIC4600 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600 MICROCHIP-MIC4600 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
More results


Similar Description - MIC4604

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
100V Half Bridge Gate Driver with Programmable
logo
Fairchild Semiconductor
FAN7384 FAIRCHILD-FAN7384 Datasheet
1Mb / 17P
Half-Bridge Gate-Drive IC
FAN73932 FAIRCHILD-FAN73932 Datasheet
1Mb / 14P
Half-Bridge Gate Drive IC
FAN7384 FAIRCHILD-FAN7384_09 Datasheet
1Mb / 17P
Half-Bridge Gate-Drive IC
FAN73933 FAIRCHILD-FAN73933 Datasheet
1Mb / 17P
Half-Bridge Gate Drive IC
logo
Micrel Semiconductor
MIC4605 MICREL-MIC4605 Datasheet
1Mb / 25P
85V Half-Bridge MOSFET Drivers
logo
Texas Instruments
LM25101A TI1-LM25101A_15 Datasheet
1Mb / 26P
Half-Bridge Gate Drivers
logo
ON Semiconductor
FAN7383 ONSEMI-FAN7383 Datasheet
1Mb / 18P
Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.3
FAN7393A ONSEMI-FAN7393A Datasheet
2Mb / 17P
Half-Bridge Gate Drive IC
July 2012 Rev. 1.0.1
FAN73832 ONSEMI-FAN73832 Datasheet
1Mb / 18P
Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com