Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4604 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4604
Description  85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4604 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4604 Datasheet HTML 1Page - Micrel Semiconductor MIC4604 Datasheet HTML 2Page - Micrel Semiconductor MIC4604 Datasheet HTML 3Page - Micrel Semiconductor MIC4604 Datasheet HTML 4Page - Micrel Semiconductor MIC4604 Datasheet HTML 5Page - Micrel Semiconductor MIC4604 Datasheet HTML 6Page - Micrel Semiconductor MIC4604 Datasheet HTML 7Page - Micrel Semiconductor MIC4604 Datasheet HTML 8Page - Micrel Semiconductor MIC4604 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MIC4604
85V Half Bridge MOSFET Drivers with up to
16V Programmable Gate Drive
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 25, 2013
Revision 1.0
General Description
The MIC4604 is an 85V Half Bridge MOSFET driver. The
MIC4604 features fast 39ns propagation delay times and
20ns driver rise/fall times for a 1nF capacitive load. The
low-side and high-side gate drivers are independently
controlled. The MIC4604 has TTL input thresholds. It
includes a high-voltage internal diode that helps charge
the high-side gate drive bootstrap capacitor.
A robust, high-speed, and low-power level shifter provides
clean level transitions to the high-side output. The robust
operation of the MIC4604 ensures that the outputs are not
affected by supply glitches, HS ringing below ground, or
HS
slewing
with
high-speed
voltage
transitions.
Undervoltage protection is provided on both the low-side
and high-side drivers.
The MIC4604 is available in an 8-pin SOIC package and a
tiny 10-pin 2.5mm
× 2.5mm TDFN package. Both
packages have an operating junction temperature range of
–40°C to +125°C.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• 5.5V to 16V gate drive supply voltage range.
• Drives high-side and low-side N-Channel MOSFETs
with independent inputs
• TTL input thresholds
• On chip bootstrap diode
• Fast 39ns propagation times
• Drives 1000pF load with 20ns rise and fall times
• Low power consumption
• Supplies undervoltage protection
• –40°C to +125°C junction temperature range
Applications
• Power inverters
• High-voltage step-down regulators
• Half, full and 3-phase bridge motor drives
• Distributed power systems
• Computing peripherals
Typical Application
Motor Door Lock Solution


Similar Part No. - MIC4604

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4600 MICROCHIP-MIC4600 Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
MIC4600 MICROCHIP-MIC4600 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600 MICROCHIP-MIC4600 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
342Kb / 26P
28V Half-Bridge MOSFET Driver
06/23/16
MIC4600YML-T5 MICROCHIP-MIC4600YML-T5 Datasheet
1Mb / 26P
28V Half-Bridge MOSFET Driver
Revision B November 2020
More results

Similar Description - MIC4604

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
100V Half Bridge Gate Driver with Programmable
logo
Fairchild Semiconductor
FAN7384 FAIRCHILD-FAN7384 Datasheet
1Mb / 17P
Half-Bridge Gate-Drive IC
FAN73932 FAIRCHILD-FAN73932 Datasheet
1Mb / 14P
Half-Bridge Gate Drive IC
FAN7384 FAIRCHILD-FAN7384_09 Datasheet
1Mb / 17P
Half-Bridge Gate-Drive IC
FAN73933 FAIRCHILD-FAN73933 Datasheet
1Mb / 17P
Half-Bridge Gate Drive IC
logo
Micrel Semiconductor
MIC4605 MICREL-MIC4605 Datasheet
1Mb / 25P
85V Half-Bridge MOSFET Drivers
logo
Texas Instruments
LM25101A TI1-LM25101A_15 Datasheet
1Mb / 26P
Half-Bridge Gate Drivers
logo
ON Semiconductor
FAN7383 ONSEMI-FAN7383 Datasheet
1Mb / 18P
Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.3
FAN7393A ONSEMI-FAN7393A Datasheet
2Mb / 17P
Half-Bridge Gate Drive IC
July 2012 Rev. 1.0.1
FAN73832 ONSEMI-FAN73832 Datasheet
1Mb / 18P
Half-Bridge Gate-Drive IC
February 2007 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com