Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4604 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC4604
Description  85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4604 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC4604 Datasheet HTML 9Page - Micrel Semiconductor MIC4604 Datasheet HTML 10Page - Micrel Semiconductor MIC4604 Datasheet HTML 11Page - Micrel Semiconductor MIC4604 Datasheet HTML 12Page - Micrel Semiconductor MIC4604 Datasheet HTML 13Page - Micrel Semiconductor MIC4604 Datasheet HTML 14Page - Micrel Semiconductor MIC4604 Datasheet HTML 15Page - Micrel Semiconductor MIC4604 Datasheet HTML 16Page - Micrel Semiconductor MIC4604 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Micrel, Inc.
MIC4604
June 25, 2013
13
Revision 1.0
Current in the high-side driver is sourced from capacitor CB
and flows into the HB pin and out the HO pin, into the gate
of the high side MOSFET. The return path for the current
is from the source of the MOSFET and back to capacitor
CB. The high-side circuit return path usually does not have
a low-impedance ground plane so the etch connections in
this critical path should be short and wide to minimize
parasitic
inductance.
As
with
the
low-side
circuit,
impedance
between
the
MOSFET
source
and
the
decoupling capacitor causes negative voltage feedback
that fights the turn-on of the MOSFET.
It is important to note that capacitor CB must be placed
close to the HB and HS pins. This capacitor not only
provides all the energy for turn-on but it must also keep HB
pin noise and ripple low for proper operation of the high-
side drive circuitry.
Figure 8. Turn-On Current Paths
Figure 9 shows the critical current paths when the driver
outputs go low and turn off the external MOSFETs. Short,
low-impedance connections are important during turn-off
for the same reasons given in the turn-on explanation.
Current flowing through the internal diode replenishes
charge in the bootstrap capacitor, CB.
Figure 9. Turn-Off Current Paths
DC Motor Applications
MIC4604 MOSFET drivers are widely used in DC motor
applications. They address brushed motors in both half-
bridge and full-bridge motor topologies as well as 3-phase
brushless motors. As shown in Figure 10, Figure 11, and
Figure 12, the drivers switch the MOSFETs at variable
duty cycles that modulate the voltage to control motor
speed. In the half-bridge topology, the motor turns in one
direction
only.
The
full-bridge
topology
allows
for
bidirectional control. 3-Phase motors are more efficient
compared to the brushed motors but require three half-
bridge switches and additional circuitry to sense the
position of the rotor.
The MIC4604 85V operating voltage offers the engineer
margin to protect against Back Electromotive Force (EMF)
which is a voltage spike caused by the rotation of the rotor.
The Back EMF voltage amplitude depends on the speed of
the rotation. It is good practice to have at least twice the
HV voltage of the motor supply. 85V is plenty of margin for
12V, 24V, and 40V motors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com