Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4604 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC4604
Description  85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4604 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC4604 Datasheet HTML 6Page - Micrel Semiconductor MIC4604 Datasheet HTML 7Page - Micrel Semiconductor MIC4604 Datasheet HTML 8Page - Micrel Semiconductor MIC4604 Datasheet HTML 9Page - Micrel Semiconductor MIC4604 Datasheet HTML 10Page - Micrel Semiconductor MIC4604 Datasheet HTML 11Page - Micrel Semiconductor MIC4604 Datasheet HTML 12Page - Micrel Semiconductor MIC4604 Datasheet HTML 13Page - Micrel Semiconductor MIC4604 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Micrel, Inc.
MIC4604
June 25, 2013
10
Revision 1.0
dissipation due to reverse leakage is typically much less
than 1mW and can be ignored.
Reverse recovery time is the time required for the injected
minority carriers to be swept away from the depletion
region during turn-off of the diode. Power dissipation due
to reverse recovery can be calculated by computing the
average reverse current due to reverse recovery charge
times the reverse voltage across the diode. The average
reverse current and power dissipation due to reverse
recovery can be estimated by:
REV
)
AVE
(
RR
RR
S
rr
RRM
)
AVE
(
RR
V
I
Pdiode
f
t
I
5
.
0
I
×
=
×
×
×
=
Eq. 3
Where:
IRRM = peak reverse recovery current
trr = reverse recovery time
The total diode power dissipation is:
RR
fwd
total
Pdiode
Pdiode
Pdiode
+
=
Eq. 4
An optional external bootstrap diode may be used instead
of the internal diode (Figure 5). An external diode may be
useful if high gate charge MOSFETs are being driven and
the power dissipation of the internal diode is contributing to
excessive die temperatures. The voltage drop of the
external diode must be less than the internal diode for this
option to work. The reverse voltage across the diode will
be equal to the input voltage minus the VDD supply
voltage. The above equations can be used to calculate
power dissipation in the external diode; however, if the
external diode has significant reverse leakage current, the
power dissipated in that diode due to reverse leakage can
be calculated as:
)
D
1
(
V
I
Pdiode
REV
R
REV
−
×
×
=
Eq. 5
Where:
IR = reverse current flow at VREV and TJ
VREV = diode reverse voltage
D = duty cycle = tON × fS
The on-time is the time the high-side switch is conducting.
In most topologies, the diode is reverse biased during the
switching cycle off-time.
Figure 5. Optional Bootstrap Diode
Gate Driver Power Dissipation
Power dissipation in the output driver stage is mainly
caused by charging and discharging the gate to source
and gate to drain capacitance of the external MOSFET.
Figure 6 shows a simplified equivalent circuit of the
MIC4604 driving an external MOSFET.
Figure 6. MIC4604 Driving an External MOSFET
Dissipation during the External MOSFET Turn-On
Energy from capacitor CB is used to charge up the input
capacitance of the MOSFET (Cgd and Cgs). The energy
delivered to the MOSFET is dissipated in the three
resistive components, Ron, Rg and Rg_fet. Ron is the on
resistance of the upper driver MOSFET in the MIC4604.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com