Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4604 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4604
Description  85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4604 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4604 Datasheet HTML 1Page - Micrel Semiconductor MIC4604 Datasheet HTML 2Page - Micrel Semiconductor MIC4604 Datasheet HTML 3Page - Micrel Semiconductor MIC4604 Datasheet HTML 4Page - Micrel Semiconductor MIC4604 Datasheet HTML 5Page - Micrel Semiconductor MIC4604 Datasheet HTML 6Page - Micrel Semiconductor MIC4604 Datasheet HTML 7Page - Micrel Semiconductor MIC4604 Datasheet HTML 8Page - Micrel Semiconductor MIC4604 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Micrel, Inc.
MIC4604
June 25, 2013
3
Revision 1.0
Absolute Maximum Ratings
(1, 4)
Supply Voltage (VDD, VHB – VHS) ..................... −0.3V to 18V
Input Voltages (VLI, VHI, VEN)................. −0.3V to VDD + 0.3V
Voltage on LO (VLO) ............................. −0.3V to VDD + 0.3V
Voltage on HO (VHO) .....................VHS − 0.3V to VHB + 0.3V
Voltage on HS (continuous) ...............................
−1V to 90V
Voltage on HB ..............................................................108V
Average Current in VDD to HB Diode .......................100mA
Storage Temperature (Ts) ......................... −60°C to +150°C
ESD Rating
(3)
HBM ...................................................................... 1.5kV
MM .........................................................................200V
Operating Ratings
(2)
Supply Voltage (VDD) [decreasing VDD] ........... 5.25V to 16V
Supply Voltage (VDD) [increasing VDD] .............. 5.5V to 16V
Voltage on HS ....................................................
−1V to 85V
Voltage on HS (repetitive transient) ...................
−5V to 90V
HS Slew Rate ............................................................ 50V/ns
Voltage on HB ................................VHS + 4.5V to VHS + 16V
and/or..........................................VDD − 1V to VDD + 85V
Junction Temperature (TJ) ........................ –40°C to +125°C
Junction Thermal Resistance
2.5mm x 2.5mm TDFN-10L (
θ
JA) ....................... 75°C/W
SOIC-8L (
θ
JA) .................................................. 98.9°C/W
Electrical Characteristics
(4)
VDD = VHB = 12V; VSS = VHS = 0V; No load on LO or HO; TA = +25°C; unless otherwise noted.
Bold values indicate –
40°C ≤ TJ ≤ +125°C
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Supply Current
IDD
VDD Quiescent Current
LI = HI = 0V
48
200
µA
IDDO
VDD Operating Current
f = 20kHz
136
300
µA
IHB
Total HB Quiescent Current
LI = HI = 0V or LI = 0V and HI = 5V
20
75
µA
IHBO
Total HB Operating Current
f = 20kHz
29
200
µA
IHBS
HB to VSS Quiescent Current
VHS = VHB = 90V
0.5
5
µA
Input (LI, HI)
VIL
Low-Level Input Voltage
0.8
V
VIH
High-Level Input Voltage
2.2
V
VHYS
Input Voltage Hysteresis
0.05
V
RI
Input Pull-Down Resistance
100
240
500
k
Ω
Undervoltage Protection
VDDF
VDD Falling Threshold
4.0
4.4
4.9
V
VDDH
VDD Threshold Hysteresis
Rising VDD Threshold; VDDR = VDDF + VDDH
0.21
V
VHBF
HB Falling Threshold
4.0
4.4
4.9
V
VHBH
HB Threshold Hysteresis
Rising VHB Threshold; VHBR = VHBF + VHBH
0.23
V
Bootstrap Diode
VDL
Low-Current Forward Voltage
IVDD-HB = 100µA
0.42
0.70
V
VDH
High-Current Forward Voltage
IVDD-HB = 50mA
0.75
1.0
V
RD
Dynamic Resistance
IVDD-HB = 50mA
2.8
5.0
Ω
Notes:
1.
Exceeding the absolute maximum ratings may damage the device.
2.
The device is not guaranteed to function outside its operating ratings.
3.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF.
4.
Specification s are for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com