Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4604 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC4604
Description  85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4604 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC4604 Datasheet HTML 2Page - Micrel Semiconductor MIC4604 Datasheet HTML 3Page - Micrel Semiconductor MIC4604 Datasheet HTML 4Page - Micrel Semiconductor MIC4604 Datasheet HTML 5Page - Micrel Semiconductor MIC4604 Datasheet HTML 6Page - Micrel Semiconductor MIC4604 Datasheet HTML 7Page - Micrel Semiconductor MIC4604 Datasheet HTML 8Page - Micrel Semiconductor MIC4604 Datasheet HTML 9Page - Micrel Semiconductor MIC4604 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Micrel, Inc.
MIC4604
June 25, 2013
6
Revision 1.0
Typical Characteristics
0
20
40
60
80
100
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
HS = 0V
T = 125°C
T = -40°C
T = 25°C
0
50
100
150
200
250
300
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
V
DD Operating Current
vs. Input Voltage
Freq = 20kHz
HS = 0V
VHB = VDD
T = 125°C
T = -40°C
T = 25°C
10
20
30
40
50
60
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
V
HB Operating Current
vs. Input Voltage
Freq = 20kHz
HS = 0V
VHB = VDD
T = -40°C
T = 125°C
T = 25°C
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Quiescent Current
vs. Temperature
HS = 0V
VDD = 16V
VDD = 12V
VDD = 9V
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
V
DD Operating Current
vs. Temperature
Freq = 20kHz
HS = 0V
VHB = VDD
VDD = 16V
VDD = 12V
VDD = 9V
15
20
25
30
35
40
45
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
V
HB Operating Current
vs. Temperature
Freq = 20kHz
HS = 0V
VHB = VDD
VHB = 16V
VHB = 12V
VHB = 9V
0
2
4
6
8
0
200
400
600
800
1000
FREQUENCY (kHz)
V
DD Operating Current
vs. Frequency
HS = 0V
VHB = VDD =12V
T = 125°C
T = -40°C
T = 25°C
0
0.2
0.4
0.6
0.8
0
200
400
600
800
1000
FREQUENCY (kHz)
V
HB Operating Current
vs. Frequency
HS = 0V
VHB = VDD = 12V
T = -40°C
T = 125°C
T = 25°C
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Low Level Output Voltage
vs. Temperature
HS = 0V
I
LO, IHO = 50mA
VDD = 16V
VDD = 12V
VDD = 9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com