Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4604 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC4604
Description  85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4604 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC4604 Datasheet HTML 3Page - Micrel Semiconductor MIC4604 Datasheet HTML 4Page - Micrel Semiconductor MIC4604 Datasheet HTML 5Page - Micrel Semiconductor MIC4604 Datasheet HTML 6Page - Micrel Semiconductor MIC4604 Datasheet HTML 7Page - Micrel Semiconductor MIC4604 Datasheet HTML 8Page - Micrel Semiconductor MIC4604 Datasheet HTML 9Page - Micrel Semiconductor MIC4604 Datasheet HTML 10Page - Micrel Semiconductor MIC4604 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Micrel, Inc.
MIC4604
June 25, 2013
7
Revision 1.0
Typical Characteristics (Continued)
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
High Level Output Voltage
vs. Temperature
VDD = 16V
VDD = 12V
VDD = 9V
HS = 0V
I
LO ,IHO = -50mA
4.2
4.3
4.4
4.5
4.6
4.7
4.8
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
UVLO Thresholds
vs. Temperature
HS = 0V
VHB Rising
VDD Rising
VDD Falling
VHB Falling
0.16
0.18
0.20
0.22
0.24
0.26
0.28
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
UVLO Hysteresis
vs. Temperature
HS = 0V
VDD Hysteresis
VHB Hysteresis
20
35
50
65
80
4
6
8
10
12
14
16
INPUT VOLTAGE (V)
Propagation Delay
vs. Input Voltage
T
AMB = 25°C
HS = 0V
t
HPLH
t
HPHL
t
LPLH
t
LPHL
20
30
40
50
60
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Propagation Delay
vs. Temperature
VDD = VHB = 12V
HS = 0V
t
HPLH
t
HPHL
t
LPLH
t
LPHL
0.1
1
10
100
1000
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
FORWARD VOLTAGE (V)
Bootstrap Diode I-V
Characteristics
HS = 0V
T = 125°C
T = -40°C
T = 25°C
0.0001
0.001
0.01
0.1
1
10
100
0
10
20
30
40
50
60
70
80
90 100
REVERSE VOLTAGE (V)
Bootstrap Diode
Reverse Current
T = 125°C
T = 25°C
T = 85°C
HS = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com