Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4604 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC4604
Description  85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4604 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC4604 Datasheet HTML 5Page - Micrel Semiconductor MIC4604 Datasheet HTML 6Page - Micrel Semiconductor MIC4604 Datasheet HTML 7Page - Micrel Semiconductor MIC4604 Datasheet HTML 8Page - Micrel Semiconductor MIC4604 Datasheet HTML 9Page - Micrel Semiconductor MIC4604 Datasheet HTML 10Page - Micrel Semiconductor MIC4604 Datasheet HTML 11Page - Micrel Semiconductor MIC4604 Datasheet HTML 12Page - Micrel Semiconductor MIC4604 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Micrel, Inc.
MIC4604
June 25, 2013
9
Revision 1.0
The bootstrap circuit consists of an internal diode and
external capacitor, CB. In a typical application, such as the
synchronous buck converter shown in Figure 4, the HS pin
is at ground potential while the low-side MOSFET is on.
The internal diode allows capacitor CB to charge up to
VDD-VF during this time (where VF is the forward voltage
drop of the internal diode). After the low-side MOSFET is
turned off and the HO pin turns on, the voltage across
capacitor CB is applied to the gate of the upper external
MOSFET. As the upper MOSFET turns on, voltage on the
HS pin rises with the source of the high-side MOSFET until
it reaches VIN. As the HS and HB pin rise, the internal
diode is reverse biased preventing capacitor CB from
discharging.
Figure 4. High-Side Driver and Bootstrap Circuit Block
Diagram
Programmable Gate Drive
The MIC4604 offers programmable gate drive, which
means the MOSFET gate drive (gate to source voltage)
equals the VDD voltage. This feature offers designers
flexibility in driving the MOSFETs. Different MOSFETs
require different VGS characteristics for optimum RDSON
performance. Typically, the higher the gate voltage (up to
16V), the lower the RDSON achieved. For example, a 4899
MOSFET can be driven to the ON state at 4.5V gate
voltage but RDSON
is 7.5mΩ. If driven to 10V gate voltage,
RDSON
is 4.5mΩ. In low-current applications, the losses due
to RDSON are minimal, but in high-current applications such
as power hand tools, the difference in RDSON can cut into
the efficiency budget.
In
portable
hand
tools
and
other
battery-powered
applications, the MIC4604 offers the ability to drive motors
at a lower voltage compared to the traditional MOSFET
drivers because of the wide VDD range (5.5V to 16V).
Traditional MOSFET drivers typically require a VDD
greater than 9V. The MIC4604 drives a motor using only
two Li-ion batteries (total 7.2V) compared to traditional
MOSFET drivers which will require at least three cells
(total of 10.8V) to exceed the minimal VDD range. As an
additional benefit, the low 5.5V gate drive capability allows
a longer run time. This is because the Li-ion battery can
run down to 5.5V, which is just above its 4.8V minimum
recommended discharge voltage. This is also a benefit in
higher current power tools that use five or six cells. The
driver can be operated up to 16V to minimize the RDSON of
the MOSFETs and use as much of the discharge battery
pack as possible for a longer run time. For example, an
18V battery pack can be used to the lowest operating
discharge voltage of 13.5V.
Application Information
Power Dissipation Considerations
Power dissipation in the driver can be separated into three
areas:
•
Internal diode dissipation in the bootstrap circuit
•
Internal driver dissipation
•
Quiescent current dissipation used to supply the
internal logic and control functions.
Bootstrap Circuit Power Dissipation
Power dissipation of the internal bootstrap diode primarily
comes from the average charging current of the CB
capacitor multiplied by the forward voltage drop of the
diode. Secondary sources of diode power dissipation are
the reverse leakage current and reverse recovery effects
of the diode.
The average current drawn by repeated charging of the
high-side MOSFET is calculated by:
S
gate
)
AVE
(
F
f
Q
I
×
=
Eq. 1
Where:
Qgate = total gate charge at VHB
fs = gate drive switching frequency
The average power dissipated by the forward voltage drop
of the diode equals:
F
)
AVE
(
F
fwd
V
I
Pdiode
×
=
Eq. 2
Where:
VF = diode forward voltage drop
The value of VF should be taken at the peak current
through the diode; however, this current is difficult to
calculate because of differences in source impedances.
The peak current can either be measured or the value of
VF at the average current can be used, which will yield a
good approximation of diode power dissipation.
The reverse leakage current of the internal bootstrap diode
is typically 2µA at a reverse voltage of 85V at 125C. Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com