Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4604 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC4604
Description  85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4604 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC4604 Datasheet HTML 10Page - Micrel Semiconductor MIC4604 Datasheet HTML 11Page - Micrel Semiconductor MIC4604 Datasheet HTML 12Page - Micrel Semiconductor MIC4604 Datasheet HTML 13Page - Micrel Semiconductor MIC4604 Datasheet HTML 14Page - Micrel Semiconductor MIC4604 Datasheet HTML 15Page - Micrel Semiconductor MIC4604 Datasheet HTML 16Page - Micrel Semiconductor MIC4604 Datasheet HTML 17Page - Micrel Semiconductor MIC4604 Datasheet HTML 18Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Micrel, Inc.
MIC4604
June 25, 2013
14
Revision 1.0
Figure 10. Half Bridge DC Motor
Figure 11. Full Bridge DC Motor
Figure 12. 3-Phase Brushless DC Motor Driver – 24V Block
Diagram
The MIC4604 is offered in a small 2.5mm × 2.5mm TDFN
package for applications that are space constrained and
an SOIC-8 package for ease of manufacturing. The motor
trend is to put the motor control circuit inside the motor
casing, which requires small packaging because of the
size of the motor.
The
MIC4604
offers
low
UVLO
threshold
and
programmable
gate
drive,
which
allows
for
longer
operation time in battery operated motors such as power
hand tools.
Cross conduction across the half bridge can cause
catastrophic failure in a motor application. Engineers
typically add dead time between states that switch
between high input and low input to ensure that the low-
side MOSFET completely turns off before the high-side
MOSFET turns on and vice versa. The dead time depends
on the MOSFET used in the application, but 200ns is
typical for most motor applications.
Power Inverter
Power inverters are used to supply AC loads from a DC
operated battery system, mainly during power failure. The
battery voltage can be 12VDC, 24VDC, or up to 36VDC,
depending on the power requirements. There two popular
conversion methods, Type I and Type II, that convert the
battery energy to AC line voltage (110VAC or 230VAC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com