Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4604 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4604
Description  85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4604 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4604 Datasheet HTML 1Page - Micrel Semiconductor MIC4604 Datasheet HTML 2Page - Micrel Semiconductor MIC4604 Datasheet HTML 3Page - Micrel Semiconductor MIC4604 Datasheet HTML 4Page - Micrel Semiconductor MIC4604 Datasheet HTML 5Page - Micrel Semiconductor MIC4604 Datasheet HTML 6Page - Micrel Semiconductor MIC4604 Datasheet HTML 7Page - Micrel Semiconductor MIC4604 Datasheet HTML 8Page - Micrel Semiconductor MIC4604 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Micrel, Inc.
MIC4604
June 25, 2013
2
Revision 1.0
Ordering Information
Part Number
Part Marking
Input
Junction Temperature Range
Package
MIC4604YMT
463
TTL
–40° to +125°C
10-Pin 2.5mm × 2.5mm TDFN
MIC4604YM
MIC4604 YM
TTL
–40° to +125°C
8-Pin SOIC
Pin Configurations
MIC4604YMT
10-Pin 2.5mm x2.5mm TDFN (MT)
(Top View)
MIC4604YM
8-Pin SOIC (M)
(Top View)
Pin Description
Pin Number
Pin
Name
Pin Function
TDFN
SOIC
1
1
VDD
Input supply for gate drivers. Decouple this pin to VSS with a >2.2µF capacitor. Anode
connection to internal bootstrap diode.
2, 10
NC
No Connect
3
2
HB
High-side bootstrap supply. External bootstrap capacitor is required. Connect bootstrap
capacitor across this pin and HS. Cathode connection to internal bootstrap diode.
4
3
HO
High-side drive output. Connect to gate of the external high-side power MOSFET.
5
4
HS
High-side drive reference connection. Connect to source of the external high-side power
MOSFET. Connect this pin to the bootstrap capacitor.
6
5
HI
High-side drive input.
7
6
LI
Low-side drive input.
8
7
VSS
Driver reference supply input. Connected to power ground of external circuitry and to source
of low-side power MOSFET.
9
8
LO
Low-side drive output. Connect to gate of the external low-side power MOSFET.
EP
EPAD
Exposed pad. Connect to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com