Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4604 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4604
Description  85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4604 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4604 Datasheet HTML 1Page - Micrel Semiconductor MIC4604 Datasheet HTML 2Page - Micrel Semiconductor MIC4604 Datasheet HTML 3Page - Micrel Semiconductor MIC4604 Datasheet HTML 4Page - Micrel Semiconductor MIC4604 Datasheet HTML 5Page - Micrel Semiconductor MIC4604 Datasheet HTML 6Page - Micrel Semiconductor MIC4604 Datasheet HTML 7Page - Micrel Semiconductor MIC4604 Datasheet HTML 8Page - Micrel Semiconductor MIC4604 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Micrel, Inc.
MIC4604
June 25, 2013
4
Revision 1.0
Electrical Characteristics
(4) (Continued)
VDD = VHB = 12V; VSS = VHS = 0V; No load on LO or HO; TA = +25°C; unless otherwise noted.
Bold values indicate –
40°C ≤ TJ ≤ +125°C
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
LO Gate Driver
VOLL
Low-Level Output Voltage
ILO = 50mA
0.17
0.4
V
VOHL
High-Level Output Voltage
ILO = −50mA, VOHL = VDD – VLO
0.25
1.0
V
IOHL
Peak Sink Current
VLO = 5V
1
A
IOLL
Peak Source Current
VLO = 5V
1
A
HO Gate Driver
VOLH
Low-Level Output Voltage
IHO = 50mA
0.2
0.6
V
VOHH
High-Level Output Voltage
IHO = −50mA, VOHH = VHB – VHO
0.22
1.0
V
IOHH
Peak Sink Current
VHO = 5V
1.5
A
IOLH
Peak Source Current
VHO = 5V
1
A
Switching Specifications
(5)
tLPHL
Lower Turn-Off Propagation Delay
(LI Falling to LO Falling)
37
75
ns
tHPHL
Upper Turn-Off Propagation Delay
(HI Falling to HO Falling)
34
75
ns
tLPLH
Lower Turn-On Propagation Delay
(LI Rising to LO Rising)
39
75
ns
tHPLH
Upper Turn-On Propagation Delay
(HI Rising to HO Rising)
33
75
ns
tRC/FC
Output Rise/Fall Time
CL = 1000pF
20
ns
tR/F
Output Rise/Fall Time (3V to 9V)
CL = 0.1µF
0.8
µs
tPW
Minimum Input Pulse Width that
Changes the Output
50
ns
tBS
Bootstrap Diode Turn-On or Turn-Off
Time
10
ns
Note:
5.
Guaranteed by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com