Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86998 Datasheet (PDF) - Monolithic Power Systems

MP86998 Datasheet PDF - Monolithic Power Systems
Part # MP86998
Download  MP86998 Download
File Size   1363.68 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package

MP86998 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP86998 Datasheet PDF - Monolithic Power Systems

Part # MP86998
Download  MP86998 Click to download

File Size   1363.68 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package

MP86998 Datasheet (HTML) - Monolithic Power Systems


MP86998 Product details

DESCRIPTION
The MP86998 is a monolithic half-bridge driver
with built-in internal power MOSFETs and gate
drivers. The MP86998 achieves 80A of
continuous output current across a wide input
supply range.
The devices utilizes a monolithic IC approach
that drives up to 80A of current per phase. The
integration of drivers and MOSFETs results in
high efficiency due to an optimal dead time and
parasitic inductance reduction. The MP86998
can operate at frequencies from 100kHz to
3MHz.
The MP86998 offers many features to simplify
system design, and works with controllers with a
tri-state PWM signal. It also comes with accurate
current sense to monitor the inductor current,
and temperature sense to report the junction
temperature.
The device is ideal for server applications where
efficiency and small size are at a premium. The
MP86998 is available in a TLGA (5mmx6mm)
package.

FEATURES
 Wide 3V to 16V Operating Input Range
 80A Output Current
 Accu-SenseTM Current Sense
 Temperature Sense
 Accepts Tri-State PWM Signal
 Current-Limit Protection
 Over-Temperature Protection (OTP)
 Fault Reporting
 Available in a TLGA (5mmx6mm) Package

APPLICATIONS
 Server Core Voltages
 Graphics Card Core Regulators
 Power Modules




Similar Part No. - MP86998

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP86992 MPS-MP86992 Datasheet
1Mb / 12P
16V, 50A, Intelli-PhaseTM Solution in a 5mmx6mm LGA Package
11/5/2019 Rev. 1.0
MP86992GMJ MPS-MP86992GMJ Datasheet
1Mb / 12P
16V, 50A, Intelli-PhaseTM Solution in a 5mmx6mm LGA Package
11/5/2019 Rev. 1.0
MP86992GMJ-P MPS-MP86992GMJ-P Datasheet
1Mb / 12P
16V, 50A, Intelli-PhaseTM Solution in a 5mmx6mm LGA Package
11/5/2019 Rev. 1.0
MP86992GMJ-Z MPS-MP86992GMJ-Z Datasheet
1Mb / 12P
16V, 50A, Intelli-PhaseTM Solution in a 5mmx6mm LGA Package
11/5/2019 Rev. 1.0
More results


Similar Description - MP86998

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3810 IRF-IRDC3810 Datasheet
1Mb / 17P
The IR3810 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3812 IRF-IRDC3812 Datasheet
2Mb / 16P
The IR3812 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3820 IRF-IRDC3820 Datasheet
934Kb / 16P
The IR3820 is a synchronous buck converter, providing a compact, highperformance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3821 IRF-IRDC3821 Datasheet
953Kb / 16P
The IR3821 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3847-P1V2 IRF-IRDC3847-P1V2 Datasheet
3Mb / 13P
The IR3847 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm QFN package.
logo
Monolithic Power System...
MP86957 MPS-MP86957 Datasheet
612Kb / 16P
Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
Rev. 1.1 7/10/2020
MP86920 MPS-MP86920 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
Rev. 1.0 12/22/2020
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
MP86952 MPS-MP86952 Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
logo
MPS Industries, Inc.
MP86936 MPSIND-MP86936 Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com