Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86992 Datasheet (PDF) - Monolithic Power Systems

MP86992 Datasheet PDF - Monolithic Power Systems
Part # MP86992
Download  MP86992 Download
File Size   1245.25 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 50A, Intelli-PhaseTM Solution in a 5mmx6mm LGA Package

MP86992 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP86992 Datasheet PDF - Monolithic Power Systems

Part # MP86992
Download  MP86992 Click to download

File Size   1245.25 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, 50A, Intelli-PhaseTM Solution in a 5mmx6mm LGA Package

MP86992 Datasheet (HTML) - Monolithic Power Systems


MP86992 Product details

DESCRIPTION
The MP86992 is a monolithic half-bridge with built-in internal power MOSFETs and gate drivers. It achieves 50A of continuous output current over a wide input supply range.
The MP86992 takes a monolithic IC approach that drives up to 50A of current per phase. The integration of drivers and MOSFETs results in high efficiency due to an optimal dead time and parasitic inductance reduction. It can operate from 100kHz to 3MHz.
The device offers many features to simplify system design. The MP86992 works with controllers with a tri-state PWM signal and comes with an accurate current sense to monitor the inductor current and temperature sense to report the junction temperature.
The device is ideal for server applications where efficiency and small size are a premium. The MP86992 is available in an LGA (5mmx6mm) package.

FEATURES
 Wide 3V to 16V Operating Input Range
 50A Output Current
 Current Sense: Accu-SenseTM
 Temperature Sense
 Accepts Tri-State PWM Signal
 Current-Limit Protection
 Over-Temperature Protection (OTP)
 Fault Reporting
 Available in an LGA (5mmx6mm) Package

APPLICATIONS
 Server Core Voltage
 Graphic Card Core Regulators
 Power Modules




Similar Part No. - MP86992

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP86998 MPS-MP86998 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
MP86998GMJT MPS-MP86998GMJT Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
MP86998GMJT-Z MPS-MP86998GMJT-Z Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
More results


Similar Description - MP86992

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3820 IRF-IRDC3820 Datasheet
934Kb / 16P
The IR3820 is a synchronous buck converter, providing a compact, highperformance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3847-P1V2 IRF-IRDC3847-P1V2 Datasheet
3Mb / 13P
The IR3847 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm QFN package.
logo
Monolithic Power System...
MP86957 MPS-MP86957 Datasheet
612Kb / 16P
Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
Rev. 1.1 7/10/2020
MP86998 MPS-MP86998 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
MP86920 MPS-MP86920 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
Rev. 1.0 12/22/2020
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
MP86952 MPS-MP86952 Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
MP86936 MPSIND-MP86936 Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com