Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86992 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP86992
Description  16V, 50A, Intelli-PhaseTM Solution in a 5mmx6mm LGA Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86992 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP86992 Datasheet HTML 4Page - Monolithic Power Systems MP86992 Datasheet HTML 5Page - Monolithic Power Systems MP86992 Datasheet HTML 6Page - Monolithic Power Systems MP86992 Datasheet HTML 7Page - Monolithic Power Systems MP86992 Datasheet HTML 8Page - Monolithic Power Systems MP86992 Datasheet HTML 9Page - Monolithic Power Systems MP86992 Datasheet HTML 10Page - Monolithic Power Systems MP86992 Datasheet HTML 11Page - Monolithic Power Systems MP86992 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP86992
– 50A INTELLI-PHASETM SOLUTION IN LGA (5MMX6MM)
MP86992 Rev. 1.0
www.MonolithicPower.com
10
11/5/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
When any fault occurs, TOUT/FLT is pulled to
the VDD voltage to report the fault event
regardless of the temperature. 200ns after the
fault occurs, the PWM impedance changes
accordingly to indicate the fault type. Table 2
shows the PWM status regarding each fault
event.
Table 2: PWM Resistance when a Fault Occurs
Fault Type
PWM
HS-FET current limit protection
10k
Ω to AGND
Over-temperature protection
20k
Ω to AGND
SW-PGND short protection
1k
Ω to VDD
TOUT/FLT can monitor three fault events:
1.
Over-current limit (HS-FET)
– To trip the
over-current fault, the current limit must be
exceeded eight consecutive times. Once a
fault occurs, the MP86992 latches off to turn
off the HS-FET. The LS-FET turns off when
the inductor current reaches zero. PWM
uses a 10kΩ resistor to AGND to indicate the
fault type.
2.
Over-temperature fault at TJ > 160°C – Once
a fault occurs, the MP86992 latches off to
turn off the HS-FET. The LS-FET turns off
when the inductor current reaches zero.
PWM uses a 20kΩ resistor to AGND to
indicate the fault type.
3.
SW to PGND shorted
– Once a fault occurs,
the MP86992 latches off to turn off the HS-
FET. PWM is pulled high (1kΩ to VDD) to
indicate the fault type.
The fault latch can be released by toggling EN,
or by recycling VIN or VDD.
For
multi-phase
operation,
connect
the
TOUT/FLT pin of each Intelli-PhaseTM together
(see Figure 3).
L1
PWM
PWM1
L2
PWM
VIN
PWM2
TOUT/FLT
TOUT/FLT
Intelli-Phase
TM
VOUT
COUT
Multi-Phase
Controller
Temperature
ADC
Intelli-Phase
TM
Power Stage
VIN
VIN
VIN
Intelli-Phase
TM
Figure 3: Multi-Phase Temperature Sense Utilization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com