Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86992 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP86992
Description  16V, 50A, Intelli-PhaseTM Solution in a 5mmx6mm LGA Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86992 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP86992 Datasheet HTML 1Page - Monolithic Power Systems MP86992 Datasheet HTML 2Page - Monolithic Power Systems MP86992 Datasheet HTML 3Page - Monolithic Power Systems MP86992 Datasheet HTML 4Page - Monolithic Power Systems MP86992 Datasheet HTML 5Page - Monolithic Power Systems MP86992 Datasheet HTML 6Page - Monolithic Power Systems MP86992 Datasheet HTML 7Page - Monolithic Power Systems MP86992 Datasheet HTML 8Page - Monolithic Power Systems MP86992 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP86992
– 50A INTELLI-PHASETM SOLUTION IN LGA (5MMX6MM)
MP86992 Rev. 1.0
www.MonolithicPower.com
5
11/5/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VDRV = VDD = EN = 3.3V, TA = 25°C for typical value and TJ= -40°C to +125°C for max
and min values, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
TOUT/FLT sense gain (4)
8
mV/°C
TOUT/FLT sense offset (4)
TJ = 25°C
800
mV
Over-temperature shutdown and
fault flag (4)
160
°C
TOUT/FLT when fault occurs (4)
3.0
3.3
V
PWM resistor
Pull up, EN = high
6
kΩ
Pull down, EN = high
5
kΩ
PWM logic high voltage
2.30
V
PWM tri-state region
1.10
1.8
V
PWM logic low voltage
0.80
V
Note:
4)
Guaranteed by design or characterization data, not tested in production.
PWM TIMING DIAGRAM
tRising
tFalling
tLT
tTH
tHT
tTL
SW
PWM
Hi-Z
Hi-Z
Figure 1: PWM Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com