Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86992 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP86992
Description  16V, 50A, Intelli-PhaseTM Solution in a 5mmx6mm LGA Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86992 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP86992 Datasheet HTML 4Page - Monolithic Power Systems MP86992 Datasheet HTML 5Page - Monolithic Power Systems MP86992 Datasheet HTML 6Page - Monolithic Power Systems MP86992 Datasheet HTML 7Page - Monolithic Power Systems MP86992 Datasheet HTML 8Page - Monolithic Power Systems MP86992 Datasheet HTML 9Page - Monolithic Power Systems MP86992 Datasheet HTML 10Page - Monolithic Power Systems MP86992 Datasheet HTML 11Page - Monolithic Power Systems MP86992 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP86992
– 50A INTELLI-PHASETM SOLUTION IN LGA (5MMX6MM)
MP86992 Rev. 1.0
www.MonolithicPower.com
11
11/5/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation. For best results, refer to Figure 4 and
follow the guidelines below:
1. Place the input MLCC capacitors as close to
VIN and PGND as possible.
2. Place the major MLCC capacitors on the
same layer as the MP86992.
3. Place
as
many VIN
and
PGND
vias
underneath the package as possible.
4. Place the vias between the VIN or PGND
long pads.
5. Place a VIN copper plane on the second
inner layer to form the PCB stack as
positive/negative/positive
to
reduce
the
parasitic impedance from the input MLCC
capacitor to the MP86992.
6. Ensure that the copper plane on the inner
layer covers at least the VIN vias underneath
the package and the input MLCC capacitors.
7. Place more PGND vias close to the PGND
pin/pad
to
minimize
both
parasitic
resistance/impedance
and
thermal
resistance.
8. Place the BST and VDRV capacitors as
close to the MP86992
’s pins as possible.
9. Use a trace width of 20 mils or higher to route
the path.
10. Avoid placing vias on the BST driving path.
11. Use a 0.1µF to 1µF bootstrap capacitor.
12. Place the VDD decoupling capacitor close to
the device.
13. Connect AGND and PGND at the point of the
VDD capacitor
’s ground connection.
14. Keep the IOUT signal trace away from high-
current paths, such as SW and PWM.
PGND
40
41
Figure 4: Recommended PCB Layout (Placement and Top Layer PCB)
Input Capacitor: 0805 package (top and bottom sides) and 0402 package (top side)
Inductor: 11x8 package
VDD/BST/VDRV capacitor: 0402 package
Via size: 20/10 mils



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com