Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86992 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP86992
Description  16V, 50A, Intelli-PhaseTM Solution in a 5mmx6mm LGA Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86992 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP86992 Datasheet HTML 4Page - Monolithic Power Systems MP86992 Datasheet HTML 5Page - Monolithic Power Systems MP86992 Datasheet HTML 6Page - Monolithic Power Systems MP86992 Datasheet HTML 7Page - Monolithic Power Systems MP86992 Datasheet HTML 8Page - Monolithic Power Systems MP86992 Datasheet HTML 9Page - Monolithic Power Systems MP86992 Datasheet HTML 10Page - Monolithic Power Systems MP86992 Datasheet HTML 11Page - Monolithic Power Systems MP86992 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP86992
– 50A INTELLI-PHASETM SOLUTION IN LGA (5MMX6MM)
MP86992 Rev. 1.0
www.MonolithicPower.com
9
11/5/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
APPLICATION INFORMATION
Operation
The MP86992 is a 50A, monolithic, half-bridge
driver with MOSFETs ideally suited for multi-
phase buck regulators. An external 3.3V supply
is required to supply both VDD and VDRV. When
EN transitions from low to high and the VDRV
signals are sufficiently high, operation begins.
Pulse-Width Modulation (PWM)
The pulse-width modulation (PWM) input pin is
capable of tri-state input. When the PWM input
signal is within the tri-state threshold window for
(typically) 50ns (tHT or tLT), the high-side
MOSFET (HS-FET) turns off immediately, and
the low-side MOSFET (LS-FET) enters diode
emulation mode, which is on until zero-current
detection (ZCD). The tri-state PWM input can
come from a forced mid-voltage PWM signal or
from floating the PWM input. The internal current
source charges the signal to a middle voltage.
The
PMW
Timing
Diagram
shows
the
propagation delay definition from PWM to SW
node (Figure 1).
Diode Emulation Mode
In diode emulation mode, when PWM is low or in
a tri-state input, the LS-FET turns on whenever
the inductor current is positive. The LS-FET
turns off if the inductor current is negative or after
the inductor current crosses the zero current.
Diode emulation mode can be enabled by driving
PWM to a middle state or floating PWM.
Current Sense
IOUT is a bidirectional current-source pin
proportional to the inductor current. The current-
sensing gain is 5μA/A. A resistor is used to
program the voltage gain proportional to the
inductor current, if needed.
The IOUT output has two states (see Table 1). In
disable mode (EN = low), the current-sense
circuit is disabled, and IOUT is in a Hi-Z (high-
impedance) state.
Table 1: IOUT Output States
PWM
EN
IOUT
PWM
High
Active
x
Low
Hi-Z
An IOUT voltage range of 0.7V to 2.1V is
required to achieve an accurate IOUT current
output of up to +25
0μA/-175μA (e.g. +50A/-35A).
Generally there is a resistor (RIOUT), connected
from IOUT to an external voltage, that is capable
of sinking small currents to provide enough
voltage level to meet the required operating
voltage range. A proper reference voltage (VCM)
and RIOUT value can be determined with Equation
(1) and Equation (2):
IOUT
IOUT
CM
0.7V
I
R
V
2.1V
(1)
IOUT
SW
IOUT
I
I
G

(2)
Where VCM is a reference voltage connected to
RIOUT.
The Intelli-PhaseTM current-sense output can be
used by the controller to monitor the output
current accurately. The cycle-by-cycle current
information from IOUT can be used for phase-
current balancing, over-current protection, and
active-voltage positioning (output voltage droop).
Positive and Negative Inductor Current Limit
When HS-FET over-current is detected, the HS-
FET turns off for that PWM cycle. If there are
eight consecutive cycles of an HS-FET current
limit event, the HS-FET latches off, TOUT/FLT
pulls high to VDD, and the LS-FET turns on until
ZCD. Toggle EN, or recycle VIN or VDD to release
the latch and restart the device.
When the LS-FET detects a -35A valley current,
the MP86992 turns off the LS-FET and turns on
the HS-FET for 200ns to limit the negative
current. The LS-FET negative current limit will
not trigger a fault report.
Temperature
Sense
Output
with
Fault
indicator (TOUT/FLT)
TOUT/FLT is a pin with two functions: junction
temperature sense and fault detection.
TOUT/FLT has a voltage output proportional to
the junction temperature whenever VDD is
higher than its UVLO and the part is in active
mode. The gain is 8mV/°C, and has a +800mV
offset at 25°C. For example, 0.8V @ TJ = 25°C
and 1.6V @ TJ = 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com