Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86992 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP86992
Description  16V, 50A, Intelli-PhaseTM Solution in a 5mmx6mm LGA Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86992 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP86992 Datasheet HTML 4Page - Monolithic Power Systems MP86992 Datasheet HTML 5Page - Monolithic Power Systems MP86992 Datasheet HTML 6Page - Monolithic Power Systems MP86992 Datasheet HTML 7Page - Monolithic Power Systems MP86992 Datasheet HTML 8Page - Monolithic Power Systems MP86992 Datasheet HTML 9Page - Monolithic Power Systems MP86992 Datasheet HTML 10Page - Monolithic Power Systems MP86992 Datasheet HTML 11Page - Monolithic Power Systems MP86992 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MP86992
– 50A INTELLI-PHASE SOLUTION IN LGA (5X6MM)
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third-party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP86992 Rev. 1.0
www.MonolithicPower.com
12
11/5/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PACKAGE INFORMATION
LGA-41 (5mmx6mm)
PACKAGE OUTLINE DRAWING FOR 41L FCLGA(5X6MM)
MF-PO-D-0324 revision 5.0
SIDE VIEW
BOTTOM VIEW
TOP VIEW
RECOMMENDED LAND PATTERN
PIN 1 ID
INDEX AREA
PIN 1 ID
MARKING
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) LEAD COPLANARITY SHALL BE 0.10
MILLIMETERS MAX.
3) JEDEC REFERENCE IS MO-303.
4) DRAWING IS NOT TO SCALE.
PIN 1 ID
0.20x45
° TYP.
RECOMMENDED STENCIL DESIGN
0.20X45º



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com