Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86992 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP86992
Description  16V, 50A, Intelli-PhaseTM Solution in a 5mmx6mm LGA Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86992 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP86992 Datasheet HTML 1Page - Monolithic Power Systems MP86992 Datasheet HTML 2Page - Monolithic Power Systems MP86992 Datasheet HTML 3Page - Monolithic Power Systems MP86992 Datasheet HTML 4Page - Monolithic Power Systems MP86992 Datasheet HTML 5Page - Monolithic Power Systems MP86992 Datasheet HTML 6Page - Monolithic Power Systems MP86992 Datasheet HTML 7Page - Monolithic Power Systems MP86992 Datasheet HTML 8Page - Monolithic Power Systems MP86992 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP86992
– 50A INTELLI-PHASETM SOLUTION IN LGA (5MMX6MM)
MP86992 Rev. 1.0
www.MonolithicPower.com
3
11/5/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Pin Name
Descriptions
1, 6, 31,
37, 39, 41
NC
No connection.
2
AGND
Analog ground.
3
VDD
Supply voltage for internal circuitry.
Connect VDD to VDRV through a 2.2Ω
resistor. Decouple VDD with a 1µF capacitor to AGND. Connect AGND and PGND
at the VDD capacitor.
4
VDRV
Driver voltage. Connect VDRV to a 3.3V supply. Decouple VDRV with a 1µF to
4.7µF ceramic capacitor.
5, 7, 8, 9,
20
–24, 40
PGND
Power ground.
10
–19
SW
Phase node.
25
–30
VIN
Input supply voltage. Place input ceramic capacitors (CIN) close to the device to
support the switching current with minimal parasitic inductance.
32
PHASE
Switching node for the bootstrap capacitor connection. The PHASE pin is
connected to SW internally.
33
BST
Bootstrap.
BST requires a 0.1µF to 0.22µF capacitor to drive the power switch’s
gate above the supply voltage. Connect the capacitor between SW and BST to
form a floating supply across the power switch driver.
34
PWM
Pulse-width modulation input. Leave PWM floating or drive PWM to a mid-state
level to put SW in a high-impedance state.
35
EN
Enable. Pull EN low to disable the MP86992 and place SW in a high-impedance
state.
36
TOUT/FLT
Single-pin temperature sense and fault reporting. TOUT/FLT is pulled up to
the VDD voltage when a fault occurs.
38
IOUT
Current-sense output. Use an external resistor to adjust the voltage proportional
to the inductor current.
ABSOLUTE MAXIMUM RATINGS (1)
VIN to PGND................................. -0.3V to +25V
VIN to VSW..................................... -0.3V to +25V
VIN to VSW (10ns)..........................................32V
VSW to PGND................................ -0.3V to +21V
VSW to PGND (25ns)........................ -5V to +25V
VBST .....................................................VSW + 4V
VDD, VDRV........................................ -0.3V to +4V
All other pins......................-0.3V to VDD + 0.3V
Instantaneous current ...............................110A
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature ................ -65°C to +150°C
Recommended Operating Conditions (2)
Supply voltage (VIN) ........................ 3.0V to 16V
Driver voltage (VDRV) ................... 3.0V to 3.6V
Logic voltage (VDD)....................... 3.0V to 3.6V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (3)
θJB θJC_TOP
LGA-41 (5mmx6mm)............2.2...... 8.7 .... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its operating
conditions.
3)
θ
JB: Thermal resistance from the junction to board around the
PGND soldering point.
θ
JC_TOP: Thermal resistance from the junction to the top of the
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com