Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86992 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP86992
Description  16V, 50A, Intelli-PhaseTM Solution in a 5mmx6mm LGA Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86992 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP86992 Datasheet HTML 1Page - Monolithic Power Systems MP86992 Datasheet HTML 2Page - Monolithic Power Systems MP86992 Datasheet HTML 3Page - Monolithic Power Systems MP86992 Datasheet HTML 4Page - Monolithic Power Systems MP86992 Datasheet HTML 5Page - Monolithic Power Systems MP86992 Datasheet HTML 6Page - Monolithic Power Systems MP86992 Datasheet HTML 7Page - Monolithic Power Systems MP86992 Datasheet HTML 8Page - Monolithic Power Systems MP86992 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP86992
16V, 50A, Intelli-PhaseTM Solution
in a 5mmx6mm LGA Package
MP86992 Rev. 1.0
www.MonolithicPower.com
1
11/5/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
DESCRIPTION
The MP86992 is a monolithic half-bridge with
built-in internal power MOSFETs and gate
drivers. It achieves 50A of continuous output
current over a wide input supply range.
The MP86992 takes a monolithic IC approach
that drives up to 50A of current per phase. The
integration of drivers and MOSFETs results in
high efficiency due to an optimal dead time and
parasitic inductance reduction. It can operate
from 100kHz to 3MHz.
The device offers many features to simplify
system design. The MP86992 works with
controllers with a tri-state PWM signal and
comes with an accurate current sense to monitor
the inductor current and temperature sense to
report the junction temperature.
The device is ideal for server applications where
efficiency and small size are a premium. The
MP86992 is available in an LGA (5mmx6mm)
package.
FEATURES
 Wide 3V to 16V Operating Input Range
 50A Output Current
 Current Sense: Accu-SenseTM
 Temperature Sense
 Accepts Tri-State PWM Signal
 Current-Limit Protection
 Over-Temperature Protection (OTP)
 Fault Reporting
 Available in an LGA (5mmx6mm) Package
APPLICATIONS
 Server Core Voltage
 Graphic Card Core Regulators
 Power Modules
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
VDRV
AGND
VDD


Similar Part No. - MP86992

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP86998 MPS-MP86998 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
MP86998GMJT MPS-MP86998GMJT Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
MP86998GMJT-Z MPS-MP86998GMJT-Z Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
More results

Similar Description - MP86992

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3820 IRF-IRDC3820 Datasheet
934Kb / 16P
The IR3820 is a synchronous buck converter, providing a compact, highperformance and flexible solution in a small 5mmx6mm Power QFN package.
IRDC3847-P1V2 IRF-IRDC3847-P1V2 Datasheet
3Mb / 13P
The IR3847 is a synchronous buck converter, providing a compact, high performance and flexible solution in a small 5mmx6mm QFN package.
logo
Monolithic Power System...
MP86957 MPS-MP86957 Datasheet
612Kb / 16P
Intelli-PhaseTM Solution (Integrated HS/LS-FETs and Driver) in 5mmx6mm LGA
Rev. 1.1 7/10/2020
MP86998 MPS-MP86998 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
MP86920 MPS-MP86920 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
Rev. 1.0 12/22/2020
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
MP86952 MPS-MP86952 Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
MP86936 MPSIND-MP86936 Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com