Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86992 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP86992
Description  16V, 50A, Intelli-PhaseTM Solution in a 5mmx6mm LGA Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP86992 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP86992 Datasheet HTML 1Page - Monolithic Power Systems MP86992 Datasheet HTML 2Page - Monolithic Power Systems MP86992 Datasheet HTML 3Page - Monolithic Power Systems MP86992 Datasheet HTML 4Page - Monolithic Power Systems MP86992 Datasheet HTML 5Page - Monolithic Power Systems MP86992 Datasheet HTML 6Page - Monolithic Power Systems MP86992 Datasheet HTML 7Page - Monolithic Power Systems MP86992 Datasheet HTML 8Page - Monolithic Power Systems MP86992 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP86992
– 50A INTELLI-PHASETM SOLUTION IN LGA (5MMX6MM)
MP86992 Rev. 1.0
www.MonolithicPower.com
2
11/5/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP86992GMJ
LGA-41 (5mmx6mm)
See Below
* For Tape & Reel, add suffix
–Z (e.g. MP86992GMJ-Z).
TOP MARKING
MPS: MPS prefix
YY: Year code
WW: Week code
MP86992: Part number
LLLLLLL: Lot number
PACKAGE REFERENCE
TOP VIEW
VDD
AGND
VDRV
PGND
NC
PGND
PGND
PGND
PGND
PGND
PGND
VIN
PGND
PGND
VIN
VIN
VIN
VIN
PGND
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
24
23
22
21
20
29
28
27
26
25
39
38
37
36
35
34
33
32
31
30
NC
40
41
LGA-41 (5mmx6mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com