Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP86933GQT Datasheet (PDF) - Monolithic Power Systems

MP86933GQT Datasheet PDF - Monolithic Power Systems
Part # MP86933GQT
Download  MP86933GQT Download
File Size   708.67 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, Intelli-Phase Solution in a TQFN 3x3 Package

MP86933GQT Datasheet (PDF)

Go To PDF Page Download Datasheet
MP86933GQT Datasheet PDF - Monolithic Power Systems

Part # MP86933GQT
Download  MP86933GQT Click to download

File Size   708.67 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 16V, Intelli-Phase Solution in a TQFN 3x3 Package

MP86933GQT Datasheet (HTML) - Monolithic Power Systems


MP86933GQT Product details

DESCRIPTION
The MP86933 is a monolithic, half-bridge driver with built-in, internal power MOSFETs and gate drivers. The MP86933 achieves 12A of continuous output current over a wide input supply range and can operate from 100kHz to 2MHz.
The integration of a driver and MOSFETs results in high efficiency due to an optimal dead time and parasitic inductance reduction.
The MP86933 works with tri-state output controllers and comes with a general-purpose current sense and temperature sense.
The MP86933 is ideal for server and telecom applications where efficiency and small size are a premium. The MP86933 is available in a small FC-TQFN-13 (3mmx3mm) package.

FEATURES
 Wide 4.5V to 16V Operating Input Range
 Compliant with Intel DrMOS V4.0 Spec
 12A Output Current
 Accepts Tri-State PWM Signal
 Built-In Switch for Bootstrap
 Current Sense
 Temperature Sense
 Current-Limit Protection
 Over-Temperature Protection (OTP)
 Fault Reporting: Over-Current and Over-Temperature
 Used for Multi-Phase Operation
 Available in a TQFN-13 (3mmx3mm) Package

APPLICATIONS
 Server and Telecom Voltage Regulators
 Graphic Card Core Regulators
 Power Modules




Similar Part No. - MP86933GQT

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
MP86934GLT MPS-MP86934GLT Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
logo
MPS Industries, Inc.
MP86936 MPSIND-MP86936 Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
MP86936GRJT MPSIND-MP86936GRJT Datasheet
606Kb / 14P
Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
Rev. 1.1 8/4/2023
More results


Similar Description - MP86933GQT

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
FCCSP AMKOR-FCCSP Datasheet
119Kb / 2P
a flip chip solution in a CSP package format.
logo
ON Semiconductor
CAT3636 ONSEMI-CAT3636 Datasheet
266Kb / 14P
6-Channel Quad-Mode Fractional LED Driver in TQFN 3x3
May, 2010 ??Rev. 7
logo
Skyworks Solutions Inc.
AAT3698 SKYWORKS-AAT3698 Datasheet
2Mb / 21P
1.6A Linear Li-Ion Battery Charger in a 3x3 TDFN Package
AAT3696 SKYWORKS-AAT3696 Datasheet
2Mb / 21P
1.6A Li-Ion Battery Charger in a 3x3 TDFN Package
logo
Monolithic Power System...
MP86998 MPS-MP86998 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in TLGA (5mmx6mm) Package
Rev. 1.0 11/3/2020
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
MP86920 MPS-MP86920 Datasheet
1Mb / 15P
Intelli-PhaseTM Solution with Integrated HS-/LS-FETs and Driver in LGA (4mmx5mm) Package
Rev. 1.0 12/22/2020
MP86934 MPS-MP86934 Datasheet
561Kb / 15P
16V Intelli-Phase Solution in TQFN 3x4
Rev.1.2 5/26/2021
MP86952 MPS-MP86952 Datasheet
1Mb / 13P
16V, 70A, Radiation-Tolerant, Monolithic Half-Bridge Intelli-PhaseTM Solution with Internal Power MOSFETs and Gate Drivers
Rev. 1.0 5/13/2021
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com