Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

558 Datasheet (PDF) - Adafruit Industries

558 Datasheet PDF - Adafruit Industries
Part # 558
Download  558 Download
File Size   348.98 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Rugged Metal Pushbutton with White LED Ring - 16mm White Momentary

558 Datasheet (PDF)

Go To PDF Page Download Datasheet
558 Datasheet PDF - Adafruit Industries

Part # 558
Download  558 Click to download

File Size   348.98 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Rugged Metal Pushbutton with White LED Ring - 16mm White Momentary

558 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 558

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
558 MALLORY-558 Datasheet
95Kb / 4P
ELECTRONIC BREAKERLESS CONVERSION KIT
logo
3M Electronics
558 3M-558 Datasheet
67Kb / 2P
Self-Stripping Electrical Tap Connector 558
logo
Dialight Corporation
558-0101-001F DIALIGHT-558-0101-001F Datasheet
135Kb / 2P
Low Current & High Efficiency Snap-in LED Panel Mount Indicators
558-0101-001F DIALIGHT-558-0101-001F Datasheet
145Kb / 2P
558 Series Snap-in LED - .156??Mounting Hole
558-0101-003F DIALIGHT-558-0101-003F Datasheet
135Kb / 2P
Low Current & High Efficiency Snap-in LED Panel Mount Indicators
More results


Similar Description - 558

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW500DS NICHIA-NSPW500DS Datasheet
204Kb / 15P
WHITE LED
NSPW500GS-K1 NICHIA-NSPW500GS-K1 Datasheet
185Kb / 15P
WHITE LED
logo
OptoSupply Internationa...
OSFRS5LWA OPTOSUPPLY-OSFRS5LWA Datasheet
67Kb / 3P
PRODUCT SPECIFICATION FOR 5mm Round White LED Ring
OSFRS5LXX OPTOSUPPLY-OSFRS5LXX Datasheet
67Kb / 3P
PRODUCT SPECIFICATION FOR 5mm Round White LED Ring
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
Momentary Pushbutton Switches with LED
logo
Tyco Electronics
2-1437569-1 MACOM-2-1437569-1 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-2 MACOM-2-1437569-2 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
logo
Marl International Limi...
NSPW315DS MARL-NSPW315DS Datasheet
206Kb / 15P
WHITE LED
logo
CIT Relay & Switch
BH16NRSZ12 CIT-BH16NRSZ12 Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
CH2LBNRB12 CIT-CH2LBNRB12 Datasheet
352Kb / 6P
Illuminated Pushbutton - 16mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com