Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

558 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 558
Description  Rugged Metal Pushbutton with White LED Ring - 16mm White Momentary
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

558 Datasheet(HTML) 2 Page - Adafruit Industries

  558 Datasheet HTML 1Page - Adafruit Industries 558 Datasheet HTML 2Page - Adafruit Industries 558 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This button is a momentary push button, when you press it the 'normally-
open' contact shorts to the common contact. When you release it, the
contacts open up again.
The switch and LED are separated, so you could wire it to turn on when
pressed or vice versa or whatever you wish! Check the tech details for
information!
TECHNICAL DETAILS
Drill hole diameter: 16mm
Switch rating: 3A / 250VDC
Switch contacts: 1 NO, 1 NC
Material: Chrome plated brass
Contact resistance: < 50 mOhm
Insulation resistance: > 1000 Mohm
Temperature: -20 C to +55 C
Mechanical life: > 500,000
Electrical life: > 50,000
Panel thickness: 1-13mm
Operating pressure: 1.5 - 2.5 N
Operating stroke: 2mm
Lamp rated voltage: 6V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com