Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5.0A Datasheet (PDF) - DAESAN ELECTRONIC CORP.

SA5.0A Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # SA5.0A
Download  SA5.0A Download
File Size   1316.13 Kbytes
Page   6 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description POWER 500Watts VOLTAGE 5.0 to 170 Volts

SA5.0A Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5.0A Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # SA5.0A
Download  SA5.0A Click to download

File Size   1316.13 Kbytes
Page   6 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description POWER 500Watts VOLTAGE 5.0 to 170 Volts

SA5.0A Datasheet (HTML) - DAESAN ELECTRONIC CORP.


SA5.0A Product details

Features
• Plastic package has Underwriters Laboratory
   flammability classification 94V-0
• Glass passivated junction
• 500W peak pulse power surge capability with a 10/100μS
   waveform, repetition rate(duty cycle) : 0.01%
• Excellent clamping capability
• Low incremental surge resistance
• Very fast response time
• High temperature soldering guaranteed : 265℃ /10 seconds,
   0.375"(9.5mm) lead length, 5lbs. (2.3Kg) tension




Similar Part No. - SA5.0A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA5.0A MOTOROLA-SA5.0A Datasheet
50Kb / 3P
MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Pan Jit International I...
SA5.0A PANJIT-SA5.0A Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA5.0A WTE-SA5.0A Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA5.0A BYTES-SA5.0A Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA5.0A DCCOM-SA5.0A Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SA5.0A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SA50 MCC-SA50 Datasheet
431Kb / 6P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
P5KE5.0 MCC-P5KE5.0_11 Datasheet
393Kb / 8P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com