Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD-7 Datasheet (PDF) - Macromatic Industrial Controls, Inc.

TD-7 Datasheet PDF - Macromatic Industrial Controls, Inc.
Part # TD-7
Download  TD-7 Download
File Size   119.54 Kbytes
Page   3 Pages
Manufacturer  MACROMATIC [Macromatic Industrial Controls, Inc.]
Direct Link  https://macromatic.com/
Logo MACROMATIC - Macromatic Industrial Controls, Inc.
Description time delay relays | plug - in

TD-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD-7 Datasheet PDF - Macromatic Industrial Controls, Inc.

Part # TD-7
Download  TD-7 Click to download

File Size   119.54 Kbytes
Page   3 Pages
Manufacturer  MACROMATIC [Macromatic Industrial Controls, Inc.]
Direct Link  https://macromatic.com/
Logo MACROMATIC - Macromatic Industrial Controls, Inc.
Description time delay relays | plug - in

TD-7 Datasheet (HTML) - Macromatic Industrial Controls, Inc.


TD-7 Product details

Application Data
Voltage Tolerance:
AC Operation: +10/-15% of nominal at 50/60 Hz.
DC Operation: +10/-15% of nominal.
Load (Burden):
3 VA
Setting Accuracy:
Constant Voltage & Temperature w/i specifi cations:
+0.1% of set time or +50ms, whichever is greater
For Variable Voltage & Temperature w/i specifi cations:
+1% of set time or +50ms, whichever is greater
Repeat Accuracy:
Constant Voltage & Temperature w/i specifi cations:
+0.1% of set time or +0.02 seconds, whichever is greater
For Variable Voltage & Temperature w/i specifi cations:
+1% of set time or +0.02 seconds, whichever is greater
Reset Time:
On Delay/Interval/Flasher: 0.1 Seconds Functions with Control Switches: 0.04 Seconds
Start-up Time:
(Time from when power is applied until unit is timing) 0.05 Seconds for all units
Maintain Function Time:
(Time unit continues to operate after power is removed) 0.01 Seconds for all units
Temperature:
Operating: -28o to 65oC (-18o to 149oF)
Storage: -40o to 85oC (-40o to 185oF)
Insulation Voltage: 2,000 volts
Output Contacts:
DPDT 10A @ 240V AC/30V DC,
1/2HP @ 120/240V AC (N.O.), 1/3HP @ 120/240V AC (N.C.)
B300 & R300; AC15 & DC13
Life:
Mechanical: 10,000,000 operations
Full Load: 100,000 operations
Compatibility:
Using a solid state switch to initiate the time sequence is acceptable. See www.macromatic.com/leakage or contact Macromatic for information regarding leakage current limits and other solid state design considerations.
Initiating Units with Control Switch Triggers:
Timing sequence must be initiated only after input voltage is applied to unit. Minimum required trigger switch closure time is 0.1 seconds.
LED:
Red LED. Refer to instruction sheet provided with product to determine code for relay & timing status.




Similar Part No. - TD-7

ManufacturerPart #DatasheetDescription
logo
Macromatic Industrial C...
TD-70221 MACROMATIC-TD-70221 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
TD-70222 MACROMATIC-TD-70222 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
TD-70226 MACROMATIC-TD-70226 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
TD-70228 MACROMATIC-TD-70228 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
TD-70521 MACROMATIC-TD-70521 Datasheet
237Kb / 3P
SOCKETS & ACCESSORIES
3/14
More results


Similar Description - TD-7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
821TD10H-UNI SCHNEIDER-821TD10H-UNI Datasheet
482Kb / 6P
Time Delay Relays
logo
Littelfuse
TDM120AL LITTELFUSE-TDM120AL Datasheet
323Kb / 2P
Time Delay Relays DELAY-ON-MAKE
1-B-030121
TRDU LITTELFUSE-TRDU Datasheet
838Kb / 3P
Time Delay Relays Multifunction
2016
TSDR LITTELFUSE-TSDR Datasheet
531Kb / 2P
Time Delay Relays Dedicated - Recycle
2016 Rev: 1-A-061016
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
TRS LITTELFUSE-TRS Datasheet
380Kb / 2P
Time Delay Relays / SINGLE SHOT
2021 Rev: 1-C-030121
TRU LITTELFUSE-TRU Datasheet
491Kb / 2P
Time Delay Relays / Multifunction
2018 Rev: 1-A-032318
TDI LITTELFUSE-TDI Datasheet
303Kb / 2P
Time Delay Relays / INTERVAL
2021 Rev: 1-B-030121
TA12D1 LITTELFUSE-TA12D1 Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
TL120A5T LITTELFUSE-TL120A5T Datasheet
414Kb / 2P
Time Delay Relays
Rev: 1-A-062316
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com