Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC1GX04 Datasheet (PDF) - Texas Instruments

SN74LVC1GX04 Datasheet PDF - Texas Instruments
Part # SN74LVC1GX04
Download  SN74LVC1GX04 Download
File Size   855.96 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1GX04 Crystal Oscillator Driver

SN74LVC1GX04 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1GX04 Datasheet PDF - Texas Instruments

Part # SN74LVC1GX04
Download  SN74LVC1GX04 Click to download

File Size   855.96 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1GX04 Crystal Oscillator Driver

SN74LVC1GX04 Datasheet (HTML) - Texas Instruments


SN74LVC1GX04 Product details

1 Features
1• Available in Texas Instruments NanoStar™ and
NanoFree™ Packages
• Supports 5-V VCC Operation
• Inputs Accept Voltages to 5.5 V
• One Unbuffered Inverter (SN74LVC1GU04) and
One Buffered Inverter (SN74LVC1G04)
• Suitable for Commonly Used Clock Frequencies:
– 15 kHz, 3.58 MHz, 4.43 MHz, 13 MHz,
25 MHz, 26 MHz, 27 MHz, 28 MHz
• Maximum tpd of 2.4 ns at 3.3 V
• Low Power Consumption, 10-μA Maximum ICC
• ±24-mA Output Drive at 3.3 V
• Ioff Supports Partial-Power-Down Mode Operation
• Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human Body Model (A114-A)
– 1000-V Charged-Device Model (C101)

2 Applications
• Crystal Oscillators
• Clock Generation

3 Description
The SN74LVC1GX04 device is designed for 1.65-V to
5.5-V VCC operation. This device incorporates the
SN74LVC1GU04 (inverter with unbuffered output)
and the SN74LVC1G04 (inverter) functions into a
single device. The LVC1GX04 is optimized for use in
crystal oscillator applications.
X1 and X2 can be connected to a crystal or resonator
in oscillator applications. The device provides an
additional buffered inverter (Y) for signal conditioning
(see Figure 5). The additional buffered inverter improves the signal quality of the crystal oscillator
output by making it rail to rail.
NanoStar and NanoFree package technology is a
major breakthrough in IC packaging concepts, using
the die as the package.
This device is fully specified for partial-power-down
applications using Ioff (Y output only). The Ioff circuitry
disables the outputs, preventing damaging current
backflow through the device when it is powered down.




Similar Part No. - SN74LVC1GX04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GX04 TI-SN74LVC1GX04 Datasheet
301Kb / 13P
CRYSTAL OSCILLATOR DRIVER
SN74LVC1GX04 TI1-SN74LVC1GX04 Datasheet
718Kb / 19P
CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
SN74LVC1GX04 TI2-SN74LVC1GX04 Datasheet
862Kb / 30P
SN74LVC1GX04 Crystal Oscillator Driver
REVISED OCTOBER 2015
SN74LVC1GX04-EP TI1-SN74LVC1GX04-EP Datasheet
442Kb / 15P
CRYSTAL OSCILLATOR DRIVER
SN74LVC1GX04-EP TI2-SN74LVC1GX04-EP Datasheet
862Kb / 30P
SN74LVC1GX04 Crystal Oscillator Driver
REVISED OCTOBER 2015
More results


Similar Description - SN74LVC1GX04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CARD_74LVC1GX04 PHILIPS-CARD_74LVC1GX04 Datasheet
97Kb / 2P
One chip crystal oscillator driver
August 2003
logo
Texas Instruments
SN74LVC1GX04 TI-SN74LVC1GX04 Datasheet
301Kb / 13P
CRYSTAL OSCILLATOR DRIVER
SN74LVC1404 TI-SN74LVC1404 Datasheet
309Kb / 16P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
logo
Epson ToYoCom
TG-2832CB EPSONTOYOCOM-TG-2832CB Datasheet
477Kb / 1P
Crystal oscillator
logo
Texas Instruments
SN74LVC1404 TI-SN74LVC1404_07 Datasheet
466Kb / 17P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404 TI-SN74LVC1404_09 Datasheet
565Kb / 18P
OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1GX04 TI1-SN74LVC1GX04_06 Datasheet
718Kb / 19P
CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
SN74LVC1GX04-EP TI1-SN74LVC1GX04-EP Datasheet
442Kb / 15P
CRYSTAL OSCILLATOR DRIVER
SN74LVC1GX04 TI1-SN74LVC1GX04_15 Datasheet
1Mb / 27P
Crystal Oscillator Driver
logo
STMicroelectronics
RHFOSC04 STMICROELECTRONICS-RHFOSC04 Datasheet
1Mb / 16P
Rad-hard, crystal oscillator driver and divider
13-May-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com