Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFOSC04 Datasheet (PDF) - STMicroelectronics

RHFOSC04 Datasheet PDF - STMicroelectronics
Part # RHFOSC04
Download  RHFOSC04 Download
File Size   1139.99 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard, crystal oscillator driver and divider

RHFOSC04 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHFOSC04 Datasheet PDF - STMicroelectronics

Part # RHFOSC04
Download  RHFOSC04 Click to download

File Size   1139.99 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard, crystal oscillator driver and divider

RHFOSC04 Datasheet (HTML) - STMicroelectronics


RHFOSC04 Product details

Features
• 2.3 V to 3.6 V supply (4.8 V AMR)
• High speed:
– Characterized from 16 MHz to 120 MHz
• CMOS output, meets JEDEC
• Divided-frequency single output
• Low power
• TTL compatible
• Enable/disable function
• Immunity to radiations:
– 300 krad(Si) TID
– SEL free up to 125 MeV.cm²/mg
– SET free up to 125 MeV.cm²/mg
• SMD 5962F20207
• Mass: 0.42 g

Description
The RHFOSC04 is a crystal oscillator driver and divider. It consists of an oscillator
section and 4-stage ripple-carry binary counter. The oscillator section allows the
implementation of crystal oscillator circuits. The output is buffered and it is controlled
by a 2-bit digital cell to deliver one among four divided frequency, from F to F/2, F/4
and F/8 frequencies. A disable function is available to set the circuit in power-down
mode while keeping a high impedance output.
Designed in rad-hard rules on robust CMOS technology already proven in space, the
RHFOSC04 shows an excellent stability in total-ionizing-dose (TID) up to 300
krad(Si) and it is SEL-free and SET-free up to 125 MeV.cm²/mg.
It comes in hermetic ceramic Flat-10 lead, and can operate from -55 °C to +125 °C
ambient temperature.

Applications
• Oscillators for space systems




Similar Part No. - RHFOSC04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF1009A STMICROELECTRONICS-RHF1009A Datasheet
1Mb / 19P
Rad-hard adjustable 2.5 V/5.5 V precision shunt V-ref
09-Apr-2018
RHF1009AK01V STMICROELECTRONICS-RHF1009AK01V Datasheet
1Mb / 19P
Rad-hard adjustable 2.5 V/5.5 V precision shunt V-ref
09-Apr-2018
RHF1009AK1 STMICROELECTRONICS-RHF1009AK1 Datasheet
1Mb / 19P
Rad-hard adjustable 2.5 V/5.5 V precision shunt V-ref
09-Apr-2018
RHF1201 STMICROELECTRONICS-RHF1201 Datasheet
193Kb / 18P
Rad-hard 12-bit 0.5 to 50 Msps A/D converter
29-Jun-2007
RHF1201KSO-01V STMICROELECTRONICS-RHF1201KSO-01V Datasheet
193Kb / 18P
Rad-hard 12-bit 0.5 to 50 Msps A/D converter
29-Jun-2007
More results


Similar Description - RHFOSC04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060_04 Datasheet
380Kb / 12P
RAD-HARD 14 STAGE BINARY COUNTER/OSCILLATOR
14-May-2004
M54HC11 STMICROELECTRONICS-M54HC11_04 Datasheet
105Kb / 8P
RAD-HARD TRIPLE 3-INPUT AND GATE
Mar-2004
M54HC21 STMICROELECTRONICS-M54HC21_04 Datasheet
119Kb / 8P
RAD-HARD DUAL 4-INPUT AND GATE
Apr-2004
logo
ATMEL Corporation
ATF280E ATMEL-ATF280E Datasheet
1Mb / 45P
Rad Hard Reprogrammable FPGA
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
November 30, 2011
ISL70001ASEH INTERSIL-ISL70001ASEH Datasheet
1Mb / 25P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
May 22, 2013
logo
STMicroelectronics
RHFLVDS315 STMICROELECTRONICS-RHFLVDS315 Datasheet
302Kb / 15P
Rad-hard quad LVDS driver
21-Oct-2015
LEOLVDSRD STMICROELECTRONICS-LEOLVDSRD Datasheet
795Kb / 23P
Rad-hard plastic LVDS driver-receiver
15-Jun-2022
RHFLVDS31A STMICROELECTRONICS-RHFLVDS31A Datasheet
385Kb / 15P
Rad-hard quad LVDS driver
28-Apr-2017
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
Rad-hard dual LVDS driver-receiver
04-Mar-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com