Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFOSC04 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHFOSC04
Description  Rad-hard, crystal oscillator driver and divider
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFOSC04 Datasheet(HTML) 5 Page - STMicroelectronics

  RHFOSC04 Datasheet HTML 1Page - STMicroelectronics RHFOSC04 Datasheet HTML 2Page - STMicroelectronics RHFOSC04 Datasheet HTML 3Page - STMicroelectronics RHFOSC04 Datasheet HTML 4Page - STMicroelectronics RHFOSC04 Datasheet HTML 5Page - STMicroelectronics RHFOSC04 Datasheet HTML 6Page - STMicroelectronics RHFOSC04 Datasheet HTML 7Page - STMicroelectronics RHFOSC04 Datasheet HTML 8Page - STMicroelectronics RHFOSC04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
4
Electrical characteristics
VDD = +2.3 V to 3.6 V, VSS = GND, enabled (EN=VDD), Tamb = -55°C to +125°C, unless otherwise specified.
Table 5. DC electrical characteristics
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Unit
IDD
Quiescent current
IN1 and IN2 floating
Iout = 0 (no load)
3.4
3.8
mA
IZ
Quiescent current in disable
EN = 0 V
50
µA
IoutZ
Output current in disable on Q0
EN = 0 V
7
30
nA
VOL
Low level output voltage on Q0
IOL = +100 µA,
VDD = 2.3 V
200
mV
IOL = +100 µA,
VDD = 3.6 V
200
mV
VOH
High level output voltage on Q0
IO L= +100 µA,
VDD = 2.3 V
2.1
V
IOL = +100 µA,
VDD = 3.6 V
2.8
V
VIL
Low level input voltage on A, B, EN inputs
VDD = 2.3 V
0.8
V
VDD = 3.6 V
0.8
V
VIH
High level input voltage on A, B, EN inputs
VDD = 2.3 V
2
V
VDD = 3.6 V
2
V
IIL
Input leakage current low on A, B, EN inputs
Vin = 0 V
VDD= 2.3 V to 3.6 V
-0.1
µA
IIH
Input leakage current high on A, B, EN inputs
Vin = VDD
VDD = 2.3 V to 3.6 V
0.1
µA
Isink
Short-circuit output current
Vout = VDD
VDD = 2.3 V to 3.6 V
50
80
mA
Isource
Short-circuit output current
Vout = 0 V
VDD = 2.3 V to 3.6 V
-80
-50
mA
RHFOSC04
Electrical characteristics
DS13330 - Rev 1
page 5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com