Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40203 Datasheet (PDF) - Microsemi Corporation

ZL40203 Datasheet PDF - Microsemi Corporation
Part # ZL40203
Download  ZL40203 Download
File Size   623.21 Kbytes
Page   25 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Precision 1:4 LVPECL Fanout Buffer with On-Chip Input Termination

ZL40203 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL40203 Datasheet PDF - Microsemi Corporation

Part # ZL40203
Download  ZL40203 Click to download

File Size   623.21 Kbytes
Page   25 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Precision 1:4 LVPECL Fanout Buffer with On-Chip Input Termination

ZL40203 Datasheet (HTML) - Microsemi Corporation


ZL40203 Product details

Features
Inputs/Outputs
•Accepts differential or single-ended input
• LVPECL, LVDS, CML, HCSL, LVCMOS
• On-chip input termination resistors and biasing
for AC coupled inputs
•Four precision LVPECL outputs
•Operating frequency up to 750 MHz
Power
•Option for 2.5 V or 3.3 V power supply
•Core current consumption of 62 mA
•On-chip Low Drop Out (LDO) Regulator for superior power supply rejection
Performance
•Ultra low additive jitter of 40 fs RMS
Applications
•General purpose clock distribution
•Low jitter clock trees
•Logic translation
•Clock and data signal restoration
•Wired communications: OTN, SONET/SDH, GE, 10 GE, FC and 10G FC
•PCI Express generation 1/2/3 clock distribution
•Wireless communications
•High performance microprocessor clock distribution




Similar Part No. - ZL40203

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL40200 MICROSEMI-ZL40200 Datasheet
568Kb / 25P
Precision 1:2 LVPECL Fanout Buffer
April 2014
ZL40200LDF1 MICROSEMI-ZL40200LDF1 Datasheet
568Kb / 25P
Precision 1:2 LVPECL Fanout Buffer
April 2014
ZL40200LDG1 MICROSEMI-ZL40200LDG1 Datasheet
568Kb / 25P
Precision 1:2 LVPECL Fanout Buffer
April 2014
ZL40201 MICROSEMI-ZL40201 Datasheet
602Kb / 24P
Precision 1:2 LVPECL Fanout Buffer
April 2014
ZL40201LDF1 MICROSEMI-ZL40201LDF1 Datasheet
602Kb / 24P
Precision 1:2 LVPECL Fanout Buffer
April 2014
More results


Similar Description - ZL40203

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89858U MICREL-SY89858U Datasheet
956Kb / 10P
PRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58021U MICREL-SY58021U_10 Datasheet
721Kb / 13P
4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY58021U_1109 MICREL-SY58021U_1109 Datasheet
639Kb / 13P
4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY89221U_0708 MICREL-SY89221U_0708 Datasheet
834Kb / 17P
Precision 1:15 LVPECL Fanout Buffer with
SY89202U MICREL-SY89202U_10 Datasheet
625Kb / 13P
Precision 1:8 LVPECL Fanout Buffer with
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com