Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P002-002. Datasheet (PDF) - Tripp Lite. All Rights Reserved

P002-002. Datasheet PDF - Tripp Lite. All Rights Reserved
Part # P002-002.
Download  P002-002. Download
File Size   409.12 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Universal AC Power Adapter Cord, 13A, 16AWG (IEC-320-C14 to NEMA 5-15R), 2-ft.

P002-002. Datasheet (PDF)

Go To PDF Page Download Datasheet
P002-002. Datasheet PDF - Tripp Lite. All Rights Reserved

Part # P002-002.
Download  P002-002. Click to download

File Size   409.12 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Universal AC Power Adapter Cord, 13A, 16AWG (IEC-320-C14 to NEMA 5-15R), 2-ft.

P002-002. Datasheet (HTML) - Tripp Lite. All Rights Reserved


P002-002. Product details

Description
The P002-002 Power Cord is 2-ft. AC Power Adapter Cord that allows you to plug a NEMA 5-15P power cord
into an IEC-320-C13 outlet on a PDU or UPS. Features a NEMA 5-15R receptacle (female) with an IEC-320-C14
plug (male). The P002-002 is manufactured using superior materials, and is UL listed. The P002-002 is backed by a lifetime warranty.
Features
UL Listed
Allows you to plug a power cord with an NEMA 5-15P into an IEC-320-C13 outlet in a PDU or UPS.
Frees up a wall outlet
Plug type: IEC-320-C14 (CPU) to NEMA 5-15R
16AWG SJT, 13A, 125V




Similar Part No. - P002-002.

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P002-002 TRIPPLITE-P002-002 Datasheet
474Kb / 3P
Standard Computer Power Cord, 12A, 16AWG
P002-002-10A TRIPPLITE-P002-002-10A Datasheet
163Kb / 2P
NEMA 5-15R to C14 Computer AC Power Cable - 10A, 125V, 18 AWG, 2 ft., Black
logo
List of Unclassifed Man...
P002-002-R ETC2-P002-002-R Datasheet
470Kb / 2P
2-ft. Power Cord (IEC-320-C14 to NEMA 5-15R)
More results


Similar Description - P002-002.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P002-002-R ETC2-P002-002-R Datasheet
470Kb / 2P
2-ft. Power Cord (IEC-320-C14 to NEMA 5-15R)
logo
Tripp Lite. All Rights ...
P00200110A TRIPPLITE-P00200110A Datasheet
489Kb / 2P
Universal AC Power Adapter Cord, 10A, 18AWG (IEC-320-C14 to NEMA 5-15R), 1-ft
P00200210A TRIPPLITE-P00200210A Datasheet
492Kb / 2P
Universal AC Power Adapter Cord, 10A, 18AWG (IEC-320-C14 to NEMA 5-15R), 2-ft
P00400213A TRIPPLITE-P00400213A Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P00400313A TRIPPLITE-P00400313A Datasheet
487Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 3-ft
P00400513A TRIPPLITE-P00400513A Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 5-ft
P00400613A TRIPPLITE-P00400613A Datasheet
487Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P00600213A TRIPPLITE-P00600213A Datasheet
479Kb / 2P
Universal Computer Power Cord, 13A, 16AWG (NEMA 5-15P to IEC-320-C13), 1-ft
P00600813A TRIPPLITE-P00600813A Datasheet
481Kb / 2P
Universal Computer Power Cord, 13A, 16AWG (NEMA 5-15P to IEC-320-C13), 8-ft
P002002 TRIPPLITE-P002002 Datasheet
470Kb / 2P
Universal AC Power Adapter Cord, 13A, 16AWG (IEC-320-C14 to NEMA 5-15R), 2-ft
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com