Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P002-002 Datasheet (PDF) - Tripp Lite. All Rights Reserved

P002-002 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # P002-002
Download  P002-002 Download
File Size   474.48 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Standard Computer Power Cord, 12A, 16AWG

P002-002 Datasheet (PDF)

Go To PDF Page Download Datasheet
P002-002 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # P002-002
Download  P002-002 Click to download

File Size   474.48 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Standard Computer Power Cord, 12A, 16AWG

P002-002 Datasheet (HTML) - Tripp Lite. All Rights Reserved




Similar Part No. - P002-002

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P002-002 TRIPPLITE-P002-002 Datasheet
409Kb / 2P
Universal AC Power Adapter Cord, 13A, 16AWG (IEC-320-C14 to NEMA 5-15R), 2-ft.
P002-002-10A TRIPPLITE-P002-002-10A Datasheet
163Kb / 2P
NEMA 5-15R to C14 Computer AC Power Cable - 10A, 125V, 18 AWG, 2 ft., Black
logo
List of Unclassifed Man...
P002-002-R ETC2-P002-002-R Datasheet
470Kb / 2P
2-ft. Power Cord (IEC-320-C14 to NEMA 5-15R)
logo
Tripp Lite. All Rights ...
P002-002. TRIPPLITE-P002-002. Datasheet
409Kb / 2P
Universal AC Power Adapter Cord, 13A, 16AWG (IEC-320-C14 to NEMA 5-15R), 2-ft.
P002-002 TRIPPLITE-P002-002_V01 Datasheet
409Kb / 2P
Universal AC Power Adapter Cord, 13A, 16AWG (IEC-320-C14 to NEMA 5-15R), 2-ft.
More results


Similar Description - P002-002

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P004-002-13RA TRIPPLITE-P004-002-13RA Datasheet
476Kb / 3P
Standard Computer Power Extension Cord, 10A, 18AWG
P004-006 TRIPPLITE-P004-006 Datasheet
493Kb / 3P
Standard Computer Power Extension Cord, 10A,18AWG
P006-003 TRIPPLITE-P006-003 Datasheet
488Kb / 3P
Standard Computer Power Cord, 10A, 18AWG
P006-006 TRIPPLITE-P006-006 Datasheet
479Kb / 4P
Standard Computer Power Cord, 10A, 18AWG
P00400213A TRIPPLITE-P00400213A Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P00400313A TRIPPLITE-P00400313A Datasheet
487Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 3-ft
P00400413A TRIPPLITE-P00400413A Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 4-ft
P00400513A TRIPPLITE-P00400513A Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 5-ft
P00400613A TRIPPLITE-P00400613A Datasheet
487Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 6-ft
P00600213A TRIPPLITE-P00600213A Datasheet
479Kb / 2P
Universal Computer Power Cord, 13A, 16AWG (NEMA 5-15P to IEC-320-C13), 1-ft
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com